Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0448 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 17Page - Renesas Technology Corp F0448 Datasheet HTML 18Page - Renesas Technology Corp F0448 Datasheet HTML 19Page - Renesas Technology Corp F0448 Datasheet HTML 20Page - Renesas Technology Corp F0448 Datasheet HTML 21Page - Renesas Technology Corp F0448 Datasheet HTML 22Page - Renesas Technology Corp F0448 Datasheet HTML 23Page - Renesas Technology Corp F0448 Datasheet HTML 24Page - Renesas Technology Corp F0448 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
F0448 Datasheet
© 2018 Integrated Device Technology, Inc.
21
October 24, 2018
Parallel Control Mode – DSA0, DSA2, STBY
Externally set the parallel control pins either logic LOW or HIGH.
Table 8.
DSA0 Truth Table
VCTRL0_A (VCTRL0_B)
ATTENUATION SETTING (dB)
DSA0_A or DSA0_B
LOW
0 (Reference IL)
HIGH
6
Table 9.
DSA2 Truth Table
VCTRL1_A (VCTRL1_B)
VCTRL2_A (VCTRL2_B)
ATTENUATION SETTING (dB)
DSA2_A or DSA2_B
LOW
LOW
0 (Reference IL)
HIGH
LOW
6
LOW
HIGH
12
HIGH
HIGH
18
Table 10. STANDBY Truth Table
Control Pins
Logic Level
Function
STBY_A, STBY_B
LOW (or open)
Channel Powered On
HIGH
Channel Powered OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com