Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0452B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0452B
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0452B Datasheet HTML 17Page - Renesas Technology Corp F0452B Datasheet HTML 18Page - Renesas Technology Corp F0452B Datasheet HTML 19Page - Renesas Technology Corp F0452B Datasheet HTML 20Page - Renesas Technology Corp F0452B Datasheet HTML 21Page - Renesas Technology Corp F0452B Datasheet HTML 22Page - Renesas Technology Corp F0452B Datasheet HTML 23Page - Renesas Technology Corp F0452B Datasheet HTML 24Page - Renesas Technology Corp F0452B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
F0452B Datasheet
© 2019 Integrated Device Technology, Inc.
21
May 7, 2019
Evaluation Kit / Applications Circuit
Figure 30. Electrical Schematic
SW1
SW DIP-8
R7
C9
C19
C11
GND
C20
R4
J2
SW1_OUT
J1
SW1_IN
R2
C2
C4
VDD
C7
C13
GND
C1
U1
ATT1_CTRL
1
STBY 1
2
SW1_CTRL
3
GND
4
GND
5
SW2_CTRL
6
STBY 2
7
ATT2_CTRL
8
GND
17
SW2_IN
18
GND
19
GND
20
GND
21
GND
22
SW1_IN
23
GND
24
C16
R5
J7
HEADER 8
1
2
3
4
5
6
7
8
C10
TP1
VDD
J9
VDD
J5
SW2_OUT
VDD
C8
R6
C15
C3
C14
R3
J3
RX1_OUT
J4
SW2_IN
R1
C5
R8
VDD
J6
RX2_OUT
C17
TP2
GND
C12
C6
J10
J11
C18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com