Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0452BLEGK Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F0452BLEGK
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452BLEGK Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F0452BLEGK Datasheet HTML 10Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 11Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 12Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 13Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 14Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 15Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 16Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 17Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
F0452B Datasheet
© 2019 Integrated Device Technology, Inc.
14
May 7, 2019
Typical Performance Characteristics: Part 1
Figure 3. RX Mode Gain (High Gain)
Figure 4. RX Mode Gain (Low Gain)
Figure 5. RX Mode Channel Isolation
(High Gain)
Figure 6. RX Mode Channel Isolation
(Low Gain)
Figure 7.
R
X Mode Input Return Loss (High Gain)
Figure 8.
R
X Mode Input Return Loss (Low Gain)
20
22
24
26
28
30
32
34
36
38
40
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
20
22
24
26
28
30
32
34
36
38
40
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
30
35
40
45
50
55
60
65
70
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
30
35
40
45
50
55
60
65
70
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
-40
-35
-30
-25
-20
-15
-10
-5
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
-40
-35
-30
-25
-20
-15
-10
-5
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com