Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6249 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6249
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6249 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6249 Datasheet HTML 1Page - Microsemi Corporation 2N6249 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6249, 2N6250, 2N6251 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS (con’t)
Collector-Emitter Cutoff Current
VCE = 225 Vdc; VBE = -1.5 Vdc
2N6249
VCE = 300 Vdc; VBE = -1.5 Vdc
2N6250
VCE = 375 Vdc; VBE = -1.5 Vdc
2N6251
ICEX
100
100
100
µAdc
Collector-Base Cutoff Current
VCB = 300 Vdc
2N6249
VCB = 375 Vdc
2N6250
VCB = 450 Vdc
2N6251
ICBO
0.5
0.5
0.5
mAdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 10 Adc; VCE = 3 Vdc
2N6249
2N6250
2N6251
hFE
10
8
6
50
50
50
Collector-Emitter Saturated Voltage
IB = 1.0 Adc; IC = 10 Adc
2N6249
IB = 1.25 Adc; IC = 10 Adc
2N6250
IB = 1.67 Adc; IC = 10 Adc
2N6251
VCE(sat)
1.5
1.5
1.5
Vdc
Base-Emitter Saturated Voltage
IB = 1.0 Adc; IC = 10 Adc
2N6249
IB = 1.25 Adc; IC = 10 Adc
2N6250
IB = 1.67 Adc; IC = 10 Adc
2N6251
VBE(sat)
2.25
2.25
2.25
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 1 MHz
h
fe
2.5
15
Output Capacitance
VCB = 10 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
500
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 200 Vdc; IC = 10 Adc
IB = 1.0 Adc
2N6249
IB = 1.25 Adc
2N6250
IB = 1.67 Adc
2N6251
ton
2.0
2.0
2.0
µs
Turn-Off Time
VCC = 200 Vdc; IC = 10 Adc
IB = 1.0 Adc
2N6249
IB = 1.25 Adc
2N6250
IB = 1.67 Adc
2N6251
toff
4.5
4.5
4.5
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C; t = 1 s, 1 cycle (See Figure 5 of MIL-PRF-19500/510)
Test 1
VCE = 17.5 Vdc, IC = 10 Adc
Test 2
VCE = 30 Vdc, IC = 5.8 Adc
Test 3
VCE = 100 Vdc, IC = 0.3 Adc
3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com