Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSMP79L2 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSMP79L2
Description  plastic safety switch XCSMP - 1 NC 1 NC - slow break - pre-cabled 2 m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSMP79L2 Datasheet(HTML) 1 Page - Schneider Electric

  XCSMP79L2 Datasheet HTML 1Page - Schneider Electric XCSMP79L2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSMP79L2
plastic safety switch XCSMP - 1 NC + 1 NC -
slow break - pre-cabled 2 m
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSMP
Design
Miniature
Material
Plastic
Head type
Key operated fixed head
Contacts type and
composition
2 NC
Contact operation
Slow-break, simultaneous
Electrical connection
Pre-cabled
Number of poles
2
Locking options
description
Without locking of actuator
Complementary
Insulation
Double insulated
Cable length
2 m
Cable composition
4 x 0.5 mm²
Positive opening
With NC contact
Mechanical durability
1000000 cycles
Minimum actuation speed
0.05 m/s
Maximum actuation speed
1.5 m/s
[Ie] rated operational current
0.55 A at 125 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
0.27 A at 250 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
0.75 A at 240 V, AC-15, C300 conforming to EN/IEC 60947-5-1
1.5 A at 120 V, AC-15, C300 conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
2.5 A
[Ui] rated insulation voltage
300 V conforming to UL 508
500 V conforming to EN/IEC 60947-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
EN/IEC 60947-5-1 6 kV
Short-circuit protection
10 A cartridge fuse type gG (gl)
Actuator forcible withdrawal rtc
8 N
Minimum actuator force for extraction
8 N
Maximum operating rate
20 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to EN/IEC 61508
Safety reliability data
B10d = 5000000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
PA (polyamide)
Head material
PA (polyamide)
Depth
30 mm
Height
87 mm
Width
15 mm
Net weight
0.11 kg


Similar Part No. - XCSMP79L2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSMP79L10 SCHNEIDER-XCSMP79L10 Datasheet
74Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC - slow break - pre-cabled 10 m
Jan 29, 2021
XCSMP79L5 SCHNEIDER-XCSMP79L5 Datasheet
75Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC - slow break - pre-cabled 5 m
Jan 29, 2021
More results

Similar Description - XCSMP79L2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSMP59L2 SCHNEIDER-XCSMP59L2 Datasheet
75Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NO - slow break - pre-cabled 2 m
Jan 29, 2021
XCSMP59L10 SCHNEIDER-XCSMP59L10 Datasheet
74Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NO - slow break - pre-cabled 10 m
Jan 29, 2021
XCSMP70L2 SCHNEIDER-XCSMP70L2 Datasheet
75Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC 1 NO - slow break - pre-cabled 2 m
Jan 29, 2021
XCSMP70L5 SCHNEIDER-XCSMP70L5 Datasheet
74Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC 1 NO - slow break - pre-cabled 5 m
Jan 29, 2021
XCSMP70L10 SCHNEIDER-XCSMP70L10 Datasheet
74Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC 1 NO - slow break - pre-cabled 10 m
Jan 29, 2021
XCSMP79L5 SCHNEIDER-XCSMP79L5 Datasheet
75Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC - slow break - pre-cabled 5 m
Jan 29, 2021
XCSMP79L10 SCHNEIDER-XCSMP79L10 Datasheet
74Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC - slow break - pre-cabled 10 m
Jan 29, 2021
XCSMP80L2 SCHNEIDER-XCSMP80L2 Datasheet
74Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC 1 NC - slow break - pre-cabled 2 m
Jan 29, 2021
XCSMP80L5 SCHNEIDER-XCSMP80L5 Datasheet
75Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC 1 NC - slow break - pre-cabled 5 m
Jan 29, 2021
XCSMP80L10 SCHNEIDER-XCSMP80L10 Datasheet
75Kb / 2P
plastic safety switch XCSMP - 1 NC 1 NC 1 NC - slow break - pre-cabled 10 m
Jan 29, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com