Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB14101GAN Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # MB14101GAN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MB14101GAN Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  MB14101GAN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MB14101GAN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MB14101GAN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MB14101GAN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MB14101GAN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MB14101GAN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MA20 & 60 SERIES, P90 & COG – CASE SIZE 2
MA80 SERIES, X7R – CASE SIZE 2
MA Case Size 2 Series
CG01-J
121
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
0R1
0.1
B
500
0R2
0.2
“
500
0R3
0.3
B,C
500
0R4
0.4
“
500
0R5
0.5
B,C,D
500
0R6
0.6
“
500
0R7
0.7
“
500
0R8
0.8
“
500
0R9
0.9
“
500
1R0
1.0
“
500
1R1
1.1
“
500
1R2
1.2
“
500
1R3
1.3
“
500
1R4
1.4
“
500
1R5
1.5
“
500
1R6
1.6
“
500
1R7
1.7
“
500
1R8
1.8
“
500
1R9
1.9
“
500
2R0
2.0
“
500
2R1
2.1
“
500
2R2
2.2
“
500
2R4
2.4
“
500
2R7
2.7
“
500
3R0
3.0
“
500
3R3
3.3
“
500
3R6
3.6
“
500
3R9
3.9
“
500
4R3
4.3
“
500
4R7
4.7
“
500
5R1
5.1
“
500
5R6
5.6
“
500
6R2
6.2
“
500
6R8
6.8
B,C,J,K,M
500
*@ 125°C
**Extended Cap Range, COG only
Cap.
Cap.
Cap.
WVDC**
Code
pF
Tol.
512
5100
K,M,Z
100
562
5600
“
100
622
6200
“
100
682
6800
“
100
752
7500
“
100
822
8200
“
100
912
9100
“
100
103
10000
“
100
113
11000
“
100
123
12000
“
100
133
13000
“
100
**@ 85°C
Cap.
Cap.
Cap.
WVDC**
Code
pF
Tol.
153
15000
K,M,Z
100
163
16000
“
100
183
18000
“
100
203
20000
“
100
223
22000
“
100
243
24000
“
100
273
27000
“
100
303
30000
“
100
333
33000
“
100
363
36000
“
100
393
39000
“
100
**@ 85°C
Cap.
Cap.
Cap.
WVDC**
Code
pF
Tol.
433
43000
K,M,Z
100
473
47000
“
100
513
51000
“
100
563
56000
“
100
623
62000
“
100
683
68000
“
100
753
75000
“
100
823
82000
“
100
913
91000
“
100
104
100000
“
100
**@ 85°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
7R5
7.5
“
500
8R2
8.2
B,C,J,K,M
500
9R1
9.1
“
500
100
10
F,G,J,K,M
500
110
11
“
500
120
12
“
500
130
13
“
500
150
15
“
500
160
16
“
500
180
18
“
500
200
20
“
500
220
22
“
500
240
24
“
500
270
27
“
500
300
30
“
500
330
33
“
500
360
36
“
500
390
39
“
500
430
43
“
500
470
47
“
500
510
51
“
500
560
56
“
500
620
62
“
500
680
68
“
500
750
75
“
500
820
82
“
500
910
91
“
500
101
100
“
500
111
110
“
300
121
120
“
300
131
130
“
300
151
150
“
300
161
160
“
300
181
180
“
300
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
201
200
“
300
221
220
“
200
241
240
F,G,J,K,M
200
271
270
“
200
301
300
“
200
331
330
“
200
361
360
“
200
391
390
“
200
431
430
“
200
471
470
“
200
511
510
“
100
561
560
“
100
621
620
“
100
681
680
“
50
751
750
“
50
821
820
“
50
911
910
“
50
102
1000
“
50
112**
1100
“
50
122**
1200
“
50
132**
1300
“
50
152**
1500
“
50
162**
1600
“
50
182**
1800
“
50
202**
2000
“
50
222**
2200
“
50
242**
2400
“
50
272**
2700
“
50
302**
3000
“
50
332**
3300
“
50
362**
3600
“
50
392**
3900
“
50
432**
4300
“
50
472**
4700
“
50
512**
5200
“
50
*@ 125°C
APPLICATION SPECIFIC CAPACITORS
MINIATURE MICROWAVE CERAMIC CAPACITORS
Note: Limited capacitance range available in 1Kv; consult factory.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com