Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1240NBGI Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # F1240NBGI
Description  Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1240NBGI Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button F1240NBGI Datasheet HTML 24Page - Renesas Technology Corp F1240NBGI Datasheet HTML 25Page - Renesas Technology Corp F1240NBGI Datasheet HTML 26Page - Renesas Technology Corp F1240NBGI Datasheet HTML 27Page - Renesas Technology Corp F1240NBGI Datasheet HTML 28Page - Renesas Technology Corp F1240NBGI Datasheet HTML 29Page - Renesas Technology Corp F1240NBGI Datasheet HTML 30Page - Renesas Technology Corp F1240NBGI Datasheet HTML 31Page - Renesas Technology Corp F1240NBGI Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
© 2018 Integrated Device Technology, Inc.
28
September 11, 2018
F1240 Datasheet
Figure 53. VGA Output Amplifier - Matched Output Schematic
In
Out
200 Ω
+
VS
-
0
0
Termination Resistors NOT NEEDED:
VGA itself terminates BPF with proper Z = 200 Ω
Total external load = 200 Ω
Available Power = V2S / 200
ALL of the power is delivered to the input of the BPF
Effectively, the
Gain is unchanged!
IDT: ‘Matched’ VGA
200 Ω
200
Ω Bandpass Anti-Alias Filter
200 Ω
NO NEED to Adjust Datasheet Values:
Gain with 200 Ω load = 20 dB
True
Gain in-system = 20 dB
Output IP3 with 200 ohm load = +49 dBm
True
IP3O in-system = +49 dBm
200 Ω
Noise Contour
The remarkable FlatNoiseTM feature of the device (see first four graphs on page 10) has great benefits when implemented in wideband multi-
carrier systems. For the first 13 dB of attenuation range, the device has only 2.3dB degradation in noise figure. This is in stark contrast to
standard VGAs like the voltage or current mode devices described earlier. These devices have a linear dB-for-dB degradation in Noise Figure
with increasing attenuation.
Refer to the figure below. It depicts the F1240 driving a matched Anti-Alias Filter which is followed by an ADC with a differential resistive 200
ohm termination. Note that at each point in the system the matching is preserved.
Figure 54. VGA Output Amplifier – Anti-Alias Filter Schematic
C1
L3
C2
L4
C3
L5
C4
ZDIFF = 200 ohm
VGA_OUT+
VGA_OUT-
L1
L2
CB
5V
200 MHz Discrete Anti-Alias Filter
ZDIFF = 200 ohm
100
CB
CB
100
VCML
CB
V_IN+
V_IN-
Unbuffered
Pipeline ADC
Loss = 2 dB
F1240/1
ZDIFF = 200 ohm
ZDIFF = 200 ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com