Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL13003C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSL13003C
Description  NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSL13003C Datasheet(HTML) 1 Page - Continental Device India Limited

  CSL13003C Datasheet HTML 1Page - Continental Device India Limited CSL13003C Datasheet HTML 2Page - Continental Device India Limited CSL13003C Datasheet HTML 3Page - Continental Device India Limited CSL13003C Datasheet HTML 4Page - Continental Device India Limited CSL13003C Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Company
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED,
CSL13003
HIGH VOLTAGE SWITCHING TRANSISTOR
TO-92
Plastic Package
Applications
Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter (sus) Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Peak
**ICM
Power Dissipation @ Ta=25ºC
PC
Derate Above 25ºC
Power Dissipation @ TLead=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction Temperature
Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Case, Tc=25ºC
Rth (j-c)
Junction to Lead
Rth (j-L)
Junction to Ambient in free air
Rth (j-a)
`
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=1mA, IE=0
600
V
Collector Emitter (sus) Voltage
*VCEO (sus)
IC=10mA, IB=0
400
V
Collector Cut Off Current
ICBO
VCB=600V, IE=0
1.0
mA
VCB=600V, IE=0, Tc=100ºC
5.0
mA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
1.0
mA
DC Current Gain
*hFE
IC=0.3A, VCE=2V (Note1)
10
30
IC=0.5A, VCE=2V
8.0
40
IC=1A, VCE=2V
4.0
25
Collector Emitter Saturation Voltage
*VCE (sat)
IC=0.5A, IB=0.1A
0.5
V
IC=1A, IB=0.25A
1.0
V
IC=1.5A, IB=0.5A
3.0
V
IC=1A, IB=0.25A,Tc=100ºC
1.0
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=0.5A, IB=0.1A
1.0
V
IC=1A, IB=0.25A
1.2
V
IC=1A, IB=0.25A,Tc=100ºC
1.1
V
* Pulse Test: PW=300
µµs, Duty Cycle=2%
** Pulse Test: Pulse Width=5ms, Duty Cycle=10%
CSL13003Rev261103E
48.0
ºC/W
62.5
ºC/W
VALUE
600
400
9.0
1.5
3.0
- 65 to +150
A
A
W
ºC
mW/ ºC
1.1
W
UNIT
V
V
V
8.8
mW/ ºC
113.6
2.0
16
ºC/W
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 5


Similar Part No. - CSL13003C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSL13003 RECTRON-CSL13003 Datasheet
517Kb / 5P
NPN SILICON PLANAR EPITAXIAL,HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - CSL13003C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369S KEC-KTN2369S Datasheet
155Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369U KEC-KTN2369U Datasheet
152Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
logo
Continental Device Indi...
CSL13002 CDIL-CSL13002 Datasheet
136Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Continental Device Indi...
CSD13002 CDIL-CSD13002 Datasheet
115Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Rectron Semiconductor
CSL13003 RECTRON-CSL13003 Datasheet
517Kb / 5P
NPN SILICON PLANAR EPITAXIAL,HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com