Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSTA592 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSTA592
Description  plastic safety switch XCSTA - 1 NC 2 NO - slow break - 2 entries tapped M16
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSTA592 Datasheet(HTML) 1 Page - Schneider Electric

  XCSTA592 Datasheet HTML 1Page - Schneider Electric XCSTA592 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSTA592
plastic safety switch XCSTA - 1 NC + 2 NO -
slow break - 2 entries tapped M16
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSTA
Design
Compact
Material
Plastic
Head type
Key operated turret head
Contacts type and
composition
1 NC + 2 NO
Contact operation
Slow-break, break before make
Cable entry
2 entries tapped for M16 x 1.5
Cable outer diameter
7…10 mm
Electrical connection
Terminal, clamping capacity: 1 x 0.5...2 x 1.5 mm²
with or without cable end
Number of poles
3
Locking options
description
Without locking of actuator
Complementary
Insulation
Double insulated
Positive opening
With NC contact
Mechanical durability
1000000 cycles
Positive opening minimum force
15 N
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s
[Ie] rated operational current
6 A at 120 V, AC-15, A300 conforming to EN/IEC 60947-5-1
3 A at 240 V, AC-15, A300 conforming to EN/IEC 60947-5-1
0.55 A at 125 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
0.27 A at 250 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
[Ui] rated insulation voltage
300 V conforming to UL 508
500 V conforming to EN/IEC 60947-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
6 kV EN/IEC 60947-5-1
Short-circuit protection
10 A cartridge fuse type gG (gl)
Actuator forcible withdrawal rtc
10 N
Maximum operating rate
10 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to EN/IEC 61508
Safety reliability data
B10d = 5000000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
PA (polyamide)
Head material
PA (polyamide)
Depth
30 mm
Height
115 mm
Width
52 mm
Net weight
0.16 kg


Similar Part No. - XCSTA592

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSTA591 SCHNEIDER-XCSTA591 Datasheet
112Kb / 2P
plastic safety switch XCSTA - 1 NC 2 NO - slow break - 1 entry tapped Pg 11
Jan 29, 2021
XCSTA593 SCHNEIDER-XCSTA593 Datasheet
113Kb / 2P
plastic safety switch XCSTA - 1NC 2NOslow break - 2 entries tapped 1/2" NPT
Jan 29, 2021
More results

Similar Description - XCSTA592

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSLE2727333 SCHNEIDER-XCSLE2727333 Datasheet
85Kb / 2P
plastic safety switch XCSLE-4 NC- slow break - 3 entries tapped 1/2
Jan 29, 2021
XCSPA992 SCHNEIDER-XCSPA992 Datasheet
105Kb / 2P
plastic safety switch XCSPA - 2 NC 1 NO - slow break - 1 entry tapped M16
Jan 29, 2021
XCSTA591 SCHNEIDER-XCSTA591 Datasheet
112Kb / 2P
plastic safety switch XCSTA - 1 NC 2 NO - slow break - 1 entry tapped Pg 11
Jan 29, 2021
XCSTA593 SCHNEIDER-XCSTA593 Datasheet
113Kb / 2P
plastic safety switch XCSTA - 1NC 2NOslow break - 2 entries tapped 1/2" NPT
Jan 29, 2021
XCSTA791 SCHNEIDER-XCSTA791 Datasheet
112Kb / 2P
plastic safety switch XCSTA - 2 NC 1 NO slow break- 2 entries tapped Pg 11
Jan 29, 2021
XCSTA792 SCHNEIDER-XCSTA792 Datasheet
113Kb / 2P
plastic safety switch XCSTA - 2 NC 1 NO - slow break - 2 entries tappedM16
Jan 29, 2021
XCSTA793 SCHNEIDER-XCSTA793 Datasheet
114Kb / 2P
plastic safety switch XCSTA - 2NC 1NO-slow break - 2 entries tapped 1/2" NPT
Jan 29, 2021
XCSTA891 SCHNEIDER-XCSTA891 Datasheet
112Kb / 2P
plastic safety switch XCSTA - 3 NC - slow break - 2 entries tapped Pg 11
Jan 29, 2021
XCSTA892 SCHNEIDER-XCSTA892 Datasheet
112Kb / 2P
plastic safety switch XCSTA - 3 NC - slow break - 2 entries tapped M16
Jan 29, 2021
XCSTA893 SCHNEIDER-XCSTA893 Datasheet
113Kb / 2P
plastic safety switch XCSTA - 3 NC - slow break - 2 entries tapped 1/2" NPT
Jan 29, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com