Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2483 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2483
Description  180V Triple Bias Clamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2483 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2483 Datasheet HTML 1Page - National Semiconductor (TI) LM2483 Datasheet HTML 2Page - National Semiconductor (TI) LM2483 Datasheet HTML 3Page - National Semiconductor (TI) LM2483 Datasheet HTML 4Page - National Semiconductor (TI) LM2483 Datasheet HTML 5Page - National Semiconductor (TI) LM2483 Datasheet HTML 6Page - National Semiconductor (TI) LM2483 Datasheet HTML 7Page - National Semiconductor (TI) LM2483 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
+200V
Bias Voltage, V
BB
+15V
Input Voltage, V
IN
-0.5V to V
BB +0.5V
Storage Temperature Range, T
STG
-65˚C to +150˚C
Lead Temperature (Soldering,
<10sec.)
300˚C
ESD Tolerance
Machine Model
200V
Human Body Model
1.5 kV
Max Junction Temperature
150˚C
θ
JA (Typ) (Note 5)
70˚C
Limits of Operating Ranges (Note 3)
V
CC
130V to 180V
V
BB
7V to 13V
V
IN
1V to 5V
V
OUT
40V to 175V
Ambient Temperature Range, T
A
0˚C to 70˚C
DC Clamp Electrical Characteristics
(See Figure 2 for Test Circuit)
Unless otherwise noted: V
CC = +180V, VBB = 8V, VIN = +2.5V, TA = 30˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
All three channels, includes 100K
pull-up resistor current
4.5
7
mA
I
BB
Bias Supply Current
All channels
4
mA
V
OUT
DC Output Voltage
122
127
132
V
DC
V
OUT-Range
Output Voltage Range
V
IN Range = +1.5V to 4.5V
89
V
A
V
DC Voltage Gain
−27
−30
−33
V/V
LE
Linearity Error
See Note 4
5
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
the test conditions, see the Electrical Characteristics. Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may change when the device is not operated under the listed test
conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Linearity Error is the variation in dc gain from VIN= 1.5 volts to VIN = 4.5 volts.
Note 5: Measured with 1in2 copper on PCB connected to pins 3, 4, 5, 10, 11, 12. See Thermal Considerations Section.
Test Circuit
Figure 2 shows the test circuit for evaluation of the LM2483 Clamp Amplifier. A high impedance Voltmeter (>100M
Ω) is used for
DC measurements at the output.
20052934
FIGURE 2. Test Circuit
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com