Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1D1506FE7 Datasheet(PDF) 2 Page - Schneider Electric

Part # LC1D1506FE7
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 115 V AC 50/60 Hz coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D1506FE7 Datasheet(HTML) 2 Page - Schneider Electric

  LC1D1506FE7 Datasheet HTML 1Page - Schneider Electric LC1D1506FE7 Datasheet HTML 2Page - Schneider Electric LC1D1506FE7 Datasheet HTML 3Page - Schneider Electric LC1D1506FE7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[Uimp] rated impulse withstand voltage
8 kV IEC 60947
Overvoltage category
III
[Ith] conventional free air thermal
current
200 A 140 °F (60 °C) power circuit
Irms rated making capacity
140 A AC signalling circuit IEC 60947-5-1
250 A DC signalling circuit IEC 60947-5-1
1660 A 440 V power circuit IEC 60947
Rated breaking capacity
1400 A 440 V power circuit IEC 60947
[Icw] rated short-time withstand current
250 A 104 °F (40 °C) - 10 min power circuit
580 A 104 °F (40 °C) - 1 min power circuit
1200 A 104 °F (40 °C) - 10 s power circuit
1400 A 104 °F (40 °C) - 1 s power circuit
100 A - 1 s signalling circuit
120 A - 500 ms signalling circuit
140 A - 100 ms signalling circuit
Associated fuse rating
10 A gG signalling circuit IEC 60947-5-1
315 A gG <= 690 V type 1 power circuit
250 A gG <= 690 V type 2 power circuit
Average impedance
0.6 mOhm - Ith 200 A 50 Hz power circuit
[Ui] rated insulation voltage
Power circuit 600 V CSA
Power circuit 600 V UL
Power circuit 1000 V IEC 60947-4-1
Signalling circuit 690 V IEC 60947-1
Signalling circuit 600 V CSA
Signalling circuit 600 V UL
Electrical durability
0.85 Mcycles 150 A AC-3 <= 440 V
1 Mcycles 200 A AC-1 <= 440 V
Power dissipation per pole
24 W AC-1
13.5 W AC-3
Front cover
With
Mounting support
Rail
Plate
Standards
CSA C22.2 No 14
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
Product certifications
BV
LROS (Lloyds register of shipping)
CCC
GOST
CSA
DNV
GL
RINA
UL
Connections - terminals
Control circuit lugs-ring terminals 0.31 in (8 mm))
Tightening torque
Control circuit 10.62 lbf.in (1.2 N.m) lugs-ring terminals flat Ø 6 mm M3.5
Control circuit 10.62 lbf.in (1.2 N.m) lugs-ring terminals Philips No 2 M3.5
Power circuit 106.21 lbf.in (12 N.m) lugs-ring terminals hexagonal 0.51 in (13 mm) M8
Power circuit 106.21 lbf.in (12 N.m) bars hexagonal 0.51 in (13 mm) M8
Operating time
20...35 ms closing
40...75 ms opening
Safety reliability level
B10d = 1369863 cycles contactor with nominal load EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load EN/ISO 13849-1
Mechanical durability
8 Mcycles
Maximum operating rate
1200 cyc/h 140 °F (60 °C)
Complementary
Coil technology
Built-in bidirectional peak limiting diode suppressor
Control circuit voltage limits
0.3...0.5 Uc -40…158 °F (-40…70 °C) drop-out AC 50/60 Hz
0.8...1.15 Uc -40…131 °F (-40…55 °C) operational AC 50/60 Hz
1...1.15 Uc 131…158 °F (55…70 °C) operational AC 50/60 Hz
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com