Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD968 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD968
Description  Silicon PNP epitaxial planer type(For low-frequency driver amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD968 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD968 Datasheet HTML 1Page - Panasonic Semiconductor 2SD968 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SB789, 2SB789A
0
160
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–1.2
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
Ta=25˚C
–18mA
–16mA
–14mA
–12mA
–10mA
– 0.8mA
– 0.6mA
– 0.4mA
– 0.2mA
I
B=–20mA
Collector to emitter voltage V
CE
(V)
0
–15
–9
–3
–6
–12
0
–1.2
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
V
CE=–10V
Ta=25˚C
Base current I
B
(mA)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
–25˚C
Ta=75˚C
25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
Ta=–25˚C
75˚C
25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
V
CE=–10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
1
3
10
30
100
0
200
160
120
80
40
180
140
100
60
20
V
CB=–10V
Ta=25˚C
Emitter current I
E
(mA)
–1
–3
–10
–30
–100
0
50
40
30
20
10
45
35
25
15
5
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
PC — Ta
IC — VCE
IC — IB
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com