Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2743 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2743
Description  Single-Supply High Output Current Single Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2743 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2743 Datasheet HTML 1Page - New Japan Radio NJM2743 Datasheet HTML 2Page - New Japan Radio NJM2743 Datasheet HTML 3Page - New Japan Radio NJM2743 Datasheet HTML 4Page - New Japan Radio NJM2743 Datasheet HTML 5Page - New Japan Radio NJM2743 Datasheet HTML 6Page - New Japan Radio NJM2743 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJM2743
-7 -
Ver.2004-12-13
■ Typical Characteristics
[CAUTION]
The specifications on this data book are only given for information,
without any guarantee as regards either mistakes or omissions. The
application circuits in this data book are described only to show
representative usages of the product and not intended for the
guarantee or permission of any right including the industrial rights.
V
+/V-=±2.5V,G
v=0dB,RL=2kΩ,Rs=25Ω,RT=100kΩ
Ta=25
oC
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.11
Output Voltage [Vrms]
f=20Hz
f=20kHz
f=1kHz
Total Harmonic Distortion vs. Output Voltage
Puse Response (Fall) (Correlation with Ta)
V+/V-=±2.5V,f=10kHz,Vin=1Vpp,Gv=0dB,RT=50Ω
RL=2kΩ,CL=10pF
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
Time [µs]
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
INPUT
OUTPUT
Ta=25
oC
Ta=85
oC
Ta= - 40
oC
Pulse Response (Rise)
V+/V-=±2.5V,f=10kHz,Vin=1Vpp,Gv=0dB,RT=50Ω
RL=2kΩ,CL=10pF,Ta=25
oC
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
Time [µs]
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
INPUT
OUTPUT
Pulse Response (Fall)
V+/V-=±2.5V,f=10kHz,Vin=1Vpp,Gv=0dB,RT=50Ω
RL=2kΩ,CL=10pF,Ta=25
oC
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
Time [µs]
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
INPUT
OUTPUT
Pulse Response (Rise) (Correlation with Ta)
V+/V-=±2.5V,f=10kHz,Vin=1Vpp,Gv=0dB,RT=50Ω
RL=2kΩ,CL=10pF
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
Time [µs]
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
INPUT
OUTPUT
Ta=25
oC
Ta=85
oC
Ta=-40
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com