Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1956 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1956
Description  7-Bit 0.25 dB Wideband Digital Step Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1956 Datasheet HTML 16Page - Renesas Technology Corp F1956 Datasheet HTML 17Page - Renesas Technology Corp F1956 Datasheet HTML 18Page - Renesas Technology Corp F1956 Datasheet HTML 19Page - Renesas Technology Corp F1956 Datasheet HTML 20Page - Renesas Technology Corp F1956 Datasheet HTML 21Page - Renesas Technology Corp F1956 Datasheet HTML 22Page - Renesas Technology Corp F1956 Datasheet HTML 23Page - Renesas Technology Corp F1956 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
F1956
Rev 2 04/08/2016
EVKIT BOM (REV 2)
Item #
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
1
C1 - C11, C14,
C15, C16
14
100 pF ±5%, 50 V, C0G Ceramic Capacitor
(0402)
GRM1555C1H101J
MURATA
2
C18, C20, C22
3
1000 pF ±5%, 50 V, C0G Ceramic Capacitor
(0402)
GRM1555C1H102J
MURATA
3
C17, C19, C21
3
10 nF ±5%, 50 V, X7R Ceramic Capacitor (0603)
GRM188R71H103J
MURATA
4
R17
1
0 Ω Resistors (0402)
ERJ-2GE0R00X
PANASONIC
5
R1 - R14
14
100 Ω ±1%, 1/10 W, Resistor (0402)
ERJ-2RKF1000X
PANASONIC
6
R15
1
6.98 kΩ ±5%, 1/10 W, Resistor (0402)
ERJ-2RKF6981X
PANASONIC
7
R16
1
10 kΩ ±1%, 1/10 W, Resistor (0402)
ERJ-2RKF1002X
PANASONIC
8
J3, J7, J9,
J10, J11
5
CONN HEADER VERT SGL 2 X 1 POS GOLD
961102-6404-AR
3M
9
J5
1
CONN HEADER VERT SGL 4 X 1 POS GOLD
961104-6404-AR
3M
10
J1
1
CONN HEADER VERT SGL 12 X 1 POS GOLD
961112-6404-AR
3M
11
J2, J4, J6, J8,
J12, J13
6
Edge Launch SMA
(0.375 inch pitch ground, tab)
142-0701-851
Emerson Johnson
12
SW1
1
SWITCH 10 POSITION DIP SWITCH
KAT1110E
E-Switch
13
U1
1
DSA
F1956
IDT
14
1
Printed Circuit Board
F1955 EVKit Rev 02
IDT
TOP MARKINGS
IDT
F1956NBGI
ZA1515G
Part Number
Date Code [YYWW]
(Week 15 of 2015)
ASM
Test
Step
Assembler
Code
Q20A006MY
Lot Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com