Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1958 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1958
Description  7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1958 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1958 Datasheet HTML 17Page - Renesas Technology Corp F1958 Datasheet HTML 18Page - Renesas Technology Corp F1958 Datasheet HTML 19Page - Renesas Technology Corp F1958 Datasheet HTML 20Page - Renesas Technology Corp F1958 Datasheet HTML 21Page - Renesas Technology Corp F1958 Datasheet HTML 22Page - Renesas Technology Corp F1958 Datasheet HTML 23Page - Renesas Technology Corp F1958 Datasheet HTML 24Page - Renesas Technology Corp F1958 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
© 2019 Integrated Device Technology, Inc.
21
November 13, 2019
F1958 Datasheet
Figure 39. Parallel Logic Voltage Connections
VLOGIC
SW1 Switch for parallel control
VMODE
VDD
J6 Parallel
Control Pins
Serial Logic Control Setup
The Evaluation Board has the ability to control the F1958 in the Serial Mode. Connect the serial controller to the J10 header connection as
shown in Figure 40. To use the Serial Mode, set SW1 switch 8 to the "+" or "O" position.
The attenuation setting can be programmed according to Table 9.
Figure 40. Serial Logic Connections
VDD
J10 Serial Control Pins
Power-On Procedure
Set up the voltage supplies and Evaluation Board as described in the "Power Supply Setup" section and either the "Parallel Logic Control Setup"
or "Serial Logic Control Setup" sections above.
Enable the power supply.
Enable the proper attenuation setting according to Table 9.
Power-Off Procedure
Set the logic control pins to a logic LOW.
Disable the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com