Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2250 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2250
Description  Low Insertion Loss: 1.4dB @ 2000MHz 33.6dB Attenuation Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2250 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2250 Datasheet HTML 9Page - Renesas Technology Corp F2250 Datasheet HTML 10Page - Renesas Technology Corp F2250 Datasheet HTML 11Page - Renesas Technology Corp F2250 Datasheet HTML 12Page - Renesas Technology Corp F2250 Datasheet HTML 13Page - Renesas Technology Corp F2250 Datasheet HTML 14Page - Renesas Technology Corp F2250 Datasheet HTML 15Page - Renesas Technology Corp F2250 Datasheet HTML 16Page - Renesas Technology Corp F2250 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
13
REV 4, January 2017
F2250NLGK
Datasheet
TYPICAL OPERATING CONDITIONS 2GHZ, VDD=3.3V [IP3, IP2, IH2, IH3 VS. VCTRL, RF1/RF2 DRIVEN] (-8-)
Input IP3 vs. VCTRL
Input IP2 vs. VCTRL
2nd Harm Input Intercept Point vs. VCTRL
Output IP3 vs. VCTRL
Output IP2 vs. VCTRL
3rd Harm Input Intercept Point vs. VCTRL
30
35
40
45
50
55
60
65
70
75
80
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
50
60
70
80
90
100
110
120
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
60
70
80
90
100
110
120
130
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
50
60
70
80
90
100
110
120
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
10
20
30
40
50
60
70
80
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com