Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0393DPA Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # RJK0393DPA
Description  N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RJK0393DPA Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RJK0393DPA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RJK0393DPA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RJK0393DPA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RJK0393DPA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RJK0393DPA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RJK0393DPA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RJK0393DPA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel 30-V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•
100 % Rg and UIS Tested
•
Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
•
OR-ing
•
Server
•DC/DC
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 sec.
d. Maximum under steady state conditions is 90 °C/W.
e. Calculated based on maximum junction temperature. Package limitation current is 90 A.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a, e
Qg (Typ)
30
0.00
7 at VGS = 10 V
1 nC
0.0
09at VGS = 4.5 V
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
A
TC = 70 °C
45
TA = 25 °C
.8b, c
TA = 70 °C
1
5b, c
Pulsed Drain Current
IDM
210
Avalanche Current Pulse
L = 0.1 mH
IAS
3
9
Single Pulse Avalanche Energy
EAS
94.8
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a, e
A
TA = 25 °C
3.03b, c
Maximum Power Dissipation
TC = 25 °C
PD
155a
W
TC = 70 °C
105
TA = 25 °C
3.25b, c
TA = 70 °C
2.13b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 sec
RthJA
32
40
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.5
0.6
8
3
6
0
6
0
2
0
4
DFN5X6 Single
Top View
1
6.15
mm
5.15
mm
Bottom View
4
G
3
S
2
S
1
S
D
8
D
6
D
7
D
5
N-Channel MOSFET
G
D
S
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RJK0393DPA
1


Similar Part No. - RJK0393DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0393DPA RENESAS-RJK0393DPA Datasheet
115Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0393DPA RENESAS-RJK0393DPA Datasheet
99Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0393DPA RENESAS-RJK0393DPA Datasheet
108Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK0393DPA-00-J53 RENESAS-RJK0393DPA-00-J53 Datasheet
115Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0393DPA-00-J53 RENESAS-RJK0393DPA-00-J53 Datasheet
99Kb / 7P
Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0393DPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com