Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2270 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F2270
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2270 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F2270 Datasheet HTML 20Page - Renesas Technology Corp F2270 Datasheet HTML 21Page - Renesas Technology Corp F2270 Datasheet HTML 22Page - Renesas Technology Corp F2270 Datasheet HTML 23Page - Renesas Technology Corp F2270 Datasheet HTML 24Page - Renesas Technology Corp F2270 Datasheet HTML 25Page - Renesas Technology Corp F2270 Datasheet HTML 26Page - Renesas Technology Corp F2270 Datasheet HTML 27Page - Renesas Technology Corp F2270 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
24
January 16, 2019
Table 8.
Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1 – C8
8
0.1µF ±10%, 16V, X7R Ceramic Capacitor (0402)
GRM155R71C104K
Murata
R1, R2, R3
3
100kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1003X
Panasonic
R4
1
10Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF10R0X
Panasonic
R5
1
1kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1001X
Panasonic
R7
1
100Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
L1 [a]
0
0Ω ±1%, 1/10W, Resistor (0402)
ERJ-2GE0R00X
Panasonic
1
2.4nH ± 0.1nH, Inductor (0402)
LQP15MN2N4B02D
Murata
L2 [a]
0
0Ω ±1%, 1/10W, Resistor (0402)
ERJ-2GE0R00X
Panasonic
1
2.8nH ± 0.1nH, Inductor (0402)
LQP15MN2N8B02D
Murata
J1, J2, J5, J6
4
Edge Launch F TYPE 75Ω
222181
Amphenol
J3, J4
2
Edge Launch SMA (0.375 inch pitch ground, tab)
142-0701-851
Emerson Johnson
J7
1
Conn Header Vertical SGL 3 X 1 Pos Gold
961103-6404-AR
3M
TP1
1
Test Point White
5002
Keystone Electronics
TP2
1
Test Point Red
5000
Keystone Electronics
TP3
1
Test Point Black
5001
Keystone Electronics
U1
1
75Ω Voltage Variable Attenuator
F2270NLGK
IDT
1
Printed Circuit Board
F2270 Rev 02
IDT
R6, R8
0
DNP
[a] Series inductors are added on the RF port to improve the high-frequency port match (extended band). If not required then the 0Ω
resistor can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com