Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 5002
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5002 Datasheet(HTML) 2 Page - Renesas Technology Corp

  5002 Datasheet HTML 1Page - Renesas Technology Corp 5002 Datasheet HTML 2Page - Renesas Technology Corp 5002 Datasheet HTML 3Page - Renesas Technology Corp 5002 Datasheet HTML 4Page - Renesas Technology Corp 5002 Datasheet HTML 5Page - Renesas Technology Corp 5002 Datasheet HTML 6Page - Renesas Technology Corp 5002 Datasheet HTML 7Page - Renesas Technology Corp 5002 Datasheet HTML 8Page - Renesas Technology Corp 5002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
2
January 16, 2019
Pin Assignments
Figure 2. Pin Assignments for 3 x 3 x 0.9 mm 16-VFQFPN Package – Top View
2
1
3
4
10
9
11
12
6
5
7
8
14
13
15
16
GND
NC
RF2
GND
NC
RF1
NC
NC
CONTROL
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com