Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSDM4801M12 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSDM4801M12
Description  coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDM4801M12 Datasheet(HTML) 2 Page - Schneider Electric

  XCSDM4801M12 Datasheet HTML 1Page - Schneider Electric XCSDM4801M12 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Safety level
Category 4 correctly wired conforming to EN/ISO 13849-1
PL = e correctly wired conforming to EN/ISO 13849-1
SIL 3 correctly wired conforming to EN/IEC 61508
Safety reliability data
HFT = 1
MTTFd = 182 years
PFD = 1.15E-5
PFH = 3.94E-9
SF = 92.5 %
Enclosure material
Thermoplastic PBT
Depth
32 mm
Height
100 mm
Width
34 mm
Net weight
0.215 kg
Environment
Standards
IEC 61508
ISO 14119
EN/IEC 62061
EN 13849-1
EN/IEC 60947-5-2
EN/IEC 60947-5-1
EN/IEC 60947-5-3
Product certifications
CSA
UL
TÜV
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…85 °C
Vibration resistance
10 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
30 gn for 11 ms conforming to IEC 60068-2-27
Maximum sensitivity to magnetic fields
0.5 mT
Electrical shock protection class
Class III conforming to EN/IEC 61140
IP degree of protection
IP67 conforming to IEC 60529
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
234 g
Package 1 Height
4.7 cm
Package 1 width
11.3 cm
Package 1 Length
18 cm
Unit Type of Package 2
S02
Number of Units in Package 2
12
Package 2 Weight
3.131 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com