Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSDM480102 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSDM480102
Description  coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 2m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDM480102 Datasheet(HTML) 2 Page - Schneider Electric

  XCSDM480102 Datasheet HTML 1Page - Schneider Electric XCSDM480102 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Tightening torque
< 1.8 N.m
Installed device
32 maximum with 2 m long cable
Marking
CE
Safety level
Category 4 correctly wired conforming to EN/ISO 13849-1
PL = e correctly wired conforming to EN/ISO 13849-1
SIL 3 correctly wired conforming to EN/IEC 61508
Safety reliability data
HFT = 1
MTTFd = 182 years
PFD = 1.15E-5
PFH = 3.94E-9
SF = 92.5 %
Enclosure material
Thermoplastic PBT
Cable material
PVC
Depth
32 mm
Height
100 mm
Width
34 mm
Net weight
0.32 kg
Environment
Standards
EN/IEC 60947-5-2
ISO 14119
EN/IEC 62061
EN 13849-1
EN/IEC 60947-5-1
IEC 61508
EN/IEC 60947-5-3
Product certifications
TÜV
UL
CSA
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…85 °C
Vibration resistance
10 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
30 gn for 11 ms conforming to IEC 60068-2-27
Maximum sensitivity to magnetic fields
0.5 mT
Electrical shock protection class
Class III conforming to EN/IEC 61140
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
IP69K conforming to DIN 40050
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
354 g
Package 1 Height
5 cm
Package 1 width
16 cm
Package 1 Length
21 cm
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com