Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1013AI Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM1013AI
Description  Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1013AI Datasheet(HTML) 4 Page - STMicroelectronics

  TSM1013AI Datasheet HTML 1Page - STMicroelectronics TSM1013AI Datasheet HTML 2Page - STMicroelectronics TSM1013AI Datasheet HTML 3Page - STMicroelectronics TSM1013AI Datasheet HTML 4Page - STMicroelectronics TSM1013AI Datasheet HTML 5Page - STMicroelectronics TSM1013AI Datasheet HTML 6Page - STMicroelectronics TSM1013AI Datasheet HTML 7Page - STMicroelectronics TSM1013AI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSM1013
ELECTRICAL CHARACTERISTICS
4/8
Fig. 1: Internal Schematic
Fig. 2: Typical Adapter Application Using TSM1013
In the above application schematic, the TSM1013 is used on the secondary side of a flyback adapter (or
battery charger) to provide an accurate control of voltage and current. The above feedback loop is made
with an optocoupler.
28V
Vcc
Cc-
Cc out
Gnd
Cv-
Cv out
Cc+
Vref
1
2
3
45
6
7
8
Vref
CC
CV
D
R2
R1
Rsense
Rvc1
22K
Cvc1
2.2nF
Ric1
22K
OUT+
OUT-
+
Cic1
2.2nF
IL
Ric2
1K
R5
10K
R4
100K
R3
100
IL
Vsense
+
28V
Vcc
Cv-
CV Out
Gnd
Cc-
Cc+
Vref
1
4
5
3
7
CV
CC
CC Out
TSM1013



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com