Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1013ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM1013ID
Description  Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1013ID Datasheet(HTML) 3 Page - STMicroelectronics

  TSM1013ID Datasheet HTML 1Page - STMicroelectronics TSM1013ID Datasheet HTML 2Page - STMicroelectronics TSM1013ID Datasheet HTML 3Page - STMicroelectronics TSM1013ID Datasheet HTML 4Page - STMicroelectronics TSM1013ID Datasheet HTML 5Page - STMicroelectronics TSM1013ID Datasheet HTML 6Page - STMicroelectronics TSM1013ID Datasheet HTML 7Page - STMicroelectronics TSM1013ID Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
TSM1013
3/8
2
ELECTRICAL CHARACTERISTICS
Tamb = 25°C and Vcc = +18V (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Total Current Consumption
Icc
Total Supply Current, excluding current
in Voltage Reference.
Vcc = 18V, no load
Tmin. < Tamb < Tmax.
1mA
Vz
Vcc clamp voltage
Icc = 50mA
28
V
Operator 1 : Op-amp with non-inverting input connected to the internal Vref
Vref+Vio
Input Offset Voltage + Voltage reference
TSM1013
TSM1013A
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
2.5446
2.545
2.574
2.575
2.553
2.560
V
DVio
Input Offset Voltage Drift
7
µV/°C
Operator 2
Vio
Input Offset Voltage
TSM1013
TSM1013A
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
1
0.5
4
5
2
3
mV
DVio
Input Offset Voltage Drift
7
µV/°C
Iio
Input Offset Current
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
2
30
50
nA
Iib
Input Bias Current
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
20
50
150
200
nA
SVR
Supply Voltage Rejection Ratio
VCC = 4.5V to 28V
65
100
dB
Vicm
Input Common Mode Voltage Range
0
Vcc-1.5
V
CMR
Common Mode Rejection Ratio
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
70
60
85
dB
Output stage
Gm
Transconduction Gain. Sink Current
Only1
1)
The current depends on the difference voltage beween the negative and the positive inputs of the amplifier. If the voltage on the minus
input is 1mV higher than the positive amplifier, the sinking current at the output OUT will be increased by 3.5mA.
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
1
3.5
2.5
mA/mV
Vol
Low level output voltage at 10 mA sink-
ing current
200
600
mV
Ios
Output Short Circuit Current. Output to
Vcc. Sink Current Only
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
27
50
mA
Voltage reference
Vref
Reference Input Voltage, Iload=1mA
TSM1013 1% precision
TSM1013A 0.5% precision
Tamb = 25°C
2.519
2.532
2.545
2.57
2.557
V
∆V
ref
Reference Input Voltage Deviation Over
Temperature Range
Tmin. ≤ Tamb ≤ Tmax.
20
30
mV
RegLine
Reference input voltage deviation over
Vcc range.
Iload = 5mA
20
mV
RegLoad
Reference input voltage deviation over
output current.
Vcc = 18V,
0 < Iload < 10mA
10
mV
.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com