Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMB2F Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # HMB2F
Description  ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

HMB2F Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  HMB2F Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. HMB2F Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
l Thermal Resistance per leg
Maximum reverse recovery time (Note 3)
HMB2F HMB4F HMB6F HMB8F HMB10F
HMB1F
Surge overload rating-30A peak
HMB1F THRU HMB10F
30
ypica
Forward Voltage per element
@IF=1.0A
1.3
Mechanical Data
Ideal for printed circuit board
Designed for Surface Mount Application
Glass Passivated Die Construction
Low leakage
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics
SYMBOL
V RRM
VRWM
VDC
VRMS
70
140
280
420
560
700
VFM
RθJA
RθJL
TJ,TSTG
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
uA
Typical Junction Capacitance per leg
13
pF
T
℃/W
IR
5.0
200
A
V
IFSM
UNITS
V
V
A
1000
100
200
400
600
800
TYPE NUMBER
ns
75
50
1.0
1.7
RR
T
·
·
·
·
·
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
· Case: MB-F, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
0.5
0.8
4. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Reverse Recovery Test Conditions: I
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm
2 solder pad.
F
=0.5A, IR=1.0A, IRR=0.25A
CJ
(Note4)
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
3.735
Average Rectified Output Current (Note 1)@T
(Note 2)@T
C
=100℃
C
=100℃
IF(AV)
60
16
Features
UL Recognized File # E476623
·
Plastic Material-UL Flammability 94V-0
·
MB-F
ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
http://www.trr-jx.com
version: 03
-
+
~
~
A
J
Dim
Min
Max
A
B
3.60
4.10
C
0.15
0.35
D
—0.20
E
G
0.50
1.10
H
1.30
1.70
J
1.20
1.40
K
2.30
2.70
L
All Dimensions in mm
—0.20
6.40
7.00
K
B
G
H
C
F
F
0.60
0.80
D
E
L
4.65
4.95
—
1.65


Similar Part No. - HMB2F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HMB2F RECTRON-HMB2F Datasheet
413Kb / 6P
SINGLE-PHASE GLASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/06 REV:A
logo
Thinki Semiconductor Co...
HMB2F THINKISEMI-HMB2F Datasheet
462Kb / 8P
THINKISEMIS FAST RECOVERY TYPE MINIATURE SURFACE MOUNT BRIDGE RECTIFIERS
20210604-V2
More results

Similar Description - HMB2F

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UABS2 DYELEC-UABS2_17 Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UABS05 ZSELEC-UABS05 Datasheet
91Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UABS205 ZSELEC-UABS205 Datasheet
90Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UABS1505 ZSELEC-UABS1505 Datasheet
90Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB05F ZSELEC-UMB05F Datasheet
91Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB05S ZSELEC-UMB05S Datasheet
93Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMS05F ZSELEC-UMS05F Datasheet
91Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMS05S ZSELEC-UMS05S Datasheet
93Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UABS2U JUXING-UABS2U Datasheet
2Mb / 2P
ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS22 JUXING-UABS22 Datasheet
3Mb / 2P
ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com