Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4481 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 9Page - Renesas Technology Corp F4481 Datasheet HTML 10Page - Renesas Technology Corp F4481 Datasheet HTML 11Page - Renesas Technology Corp F4481 Datasheet HTML 12Page - Renesas Technology Corp F4481 Datasheet HTML 13Page - Renesas Technology Corp F4481 Datasheet HTML 14Page - Renesas Technology Corp F4481 Datasheet HTML 15Page - Renesas Technology Corp F4481 Datasheet HTML 16Page - Renesas Technology Corp F4481 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
13
December 15, 2020
Table 5.
Electrical Characteristics – Band 1 (400MHz to 500MHz)
See the F4481 Applications Circuit. Unless stated otherwise, specifications apply when operated with VCC = +3.3V, TEP = +25°C, fRF = 450MHz,
STBY_A = STBY_B = STBY_C = STBY_D = HIGH, ZS = 100Ω differential, ZL = 50Ω single-ended, maximum gain setting, and output power =
0dBm/tone. EVKit trace and connector losses are de-embedded.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF Input Return Loss
RLIN
15 [a]
25
dB
RF Output Return Loss
RLOUT
11
13
dB
Maximum Gain
GMAX
DSA 0dB attenuation.
24.5
27
30
dB
Mid-Range Gain
GMID
DSA 14dB attenuation.
10.5
13
16
dB
Minimum Gain
GMIN
DSA 31.5dB attenuation.
-7.5
-4.5
-1.8
dB
Gain Variation Over Temperature
GTEMP
DSA 0dB attenuation.
Over TEP = -40°C to +105°C,
and relative to 25°C.
+1.6 / -2.4
dB
DSA 14dB attenuation.
Over TEP = -40°C to +105°C,
and relative to 25°C.
+1.4 / -2.1
Gain Flatness
GFLAT
Any 100MHz BW.
1
dB
Gain Ripple
GRIPPLE
In any 20MHz range.
0.4
dB
Intra-die Channel-to-Channel
Differences in Gain
GA - GB
Worst case difference in Gain
for any 2dB step over the 0dB
to 30dB attenuation range
(with channels A and B both
set to identical DSA
attenuation levels).
0.2
dB
Reverse Isolation
GREV
DSA 0dB attenuation.
45
dB
DSA 31.5dB attenuation.
75
Intra-Die Channel Isolation [b]
ISOLA-B
Any RF input/output
combination involving channel
A paired with channel B.
DSA = 0dB.
40
45
dB
Inter-Die Channel Isolation [b]
ISOLB-C
Any RF input / output
combination involving channel
B (die 1) paired with channel
C (die 2). DSA = 0dB.
50
55
dB
Filter Group Delay in Passband
τ
fRF = 400MHz to 500MHz.
2.5
ns
Filter Group Delay Ripple
τRIPPLE
fRF = 400MHz to 500MHz.
1.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com