Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5280AVGK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F5280AVGK
Description  Transmit/Receive Half-Duplex IC 25GHz to 31GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F5280AVGK Datasheet(HTML) 2 Page - Renesas Technology Corp

  F5280AVGK Datasheet HTML 1Page - Renesas Technology Corp F5280AVGK Datasheet HTML 2Page - Renesas Technology Corp F5280AVGK Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F5280 Short-Form Datasheet
© 2018 Renesas Electronics Corporation
2
November 6, 2018
Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Carrier Type
Temperature
F5280AVGK
3.6 × 3.6 × 0.9 mm BGA
MSL 3
Tray
-40° to +105°C
F5280AVGK8
3.6 × 3.6 × 0.9 mm BGA
MSL 3
Reel
-40° to +105°C
F5280EVB
F5280 Evaluation Board
F5280EVS
F5280 Evaluation Kit System, including Evaluation Board, 2x THRU Reference Fixture, FT2232H Mini-Module
Microcontroller, Digital Cable, Power Cable, and USB-to-Mini Cable.
Revision History
Revision Date
Description of Change
November 6, 2018
Initial release.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com