Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1013IS Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM1013IS
Description  Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1013IS Datasheet(HTML) 1 Page - STMicroelectronics

  TSM1013IS Datasheet HTML 1Page - STMicroelectronics TSM1013IS Datasheet HTML 2Page - STMicroelectronics TSM1013IS Datasheet HTML 3Page - STMicroelectronics TSM1013IS Datasheet HTML 4Page - STMicroelectronics TSM1013IS Datasheet HTML 5Page - STMicroelectronics TSM1013IS Datasheet HTML 6Page - STMicroelectronics TSM1013IS Datasheet HTML 7Page - STMicroelectronics TSM1013IS Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2004
1/8
s
Constant voltage and constant current
control
s
Low voltage operation
s
Low external component count
s
Current sink output stage
s
Easy compensation
VOLTAGE REFERENCE
s
Fixed output voltage reference 2.5V
s
0.5% and 1% Voltage precision
DESCRIPTION
TSM1013 is a highly integrated solution for SMPS
applications requiring CV (constant voltage) and
CC (constant current) mode.
TSM1013 integrates one voltage reference and
two operational amplifiers.
The
voltage
reference
combined
with
one
operational amplifier makes it an ideal voltage
controller. The other operational, combined with
few external resistors and the voltage reference,
can be used as a current limiter.
APPLICATIONS
s
Adapters
s
Battery Chargers
ORDER CODE
Note: S: MiniSO only available in Tape & Reel with T suffix
D: SO is available in Tube (D) and in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
Marking
SD
TSM1013I
0 to 105°C
²
M1013
TSM1013AI
0 to 105°C
²
M1013A
TSM1013I
0 to 105°C
²
M806
TSM1013AI
0 to 105°C
²
M807
D
SO-8
S
Mini SO8
1
2
3
45
6
Cc-
Gnd
Vcc
Vref
Cc Out 7
8
Cc+
Cv-
Cv Out
TSM1013
Constant Voltage and Constant Current
Controller for Battery Chargers and Adaptors


Similar Part No. - TSM1013IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
VOLTAGE AND CURRENT CONTROLLER
Jun-1999
TSM101 STMICROELECTRONICS-TSM101 Datasheet
389Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
167Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Sep-2003
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
170Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Nov-2003
TSM1011AID STMICROELECTRONICS-TSM1011AID Datasheet
167Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Sep-2003
More results

Similar Description - TSM1013IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Sep-2001
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
Constant voltage and constant current controller for battery chargers and adaptors
12-Feb-2008
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
IK Semicon Co., Ltd
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com