Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # RRL035P03
Description  P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RRL035P03 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RRL035P03 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RRL035P03 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Devices
- Cellular Phone
- DSC
- Portable Game Console
- MP3
- GPS
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
- 20
0.041 at VGS = - 4.5 V
- 4
12.5 nC
0.054 at VGS = - 2.5 V
- 4
0.100 at VGS = - 1.8 V
- 4
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 4a
A
TC = 70 °C
- 4
TA = 25 °C
- 4a, b, c
TA = 70 °C
- 4a, b, c
Pulsed Drain Current (t = 300 µs)
IDM
- 25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 2.3
TA = 25 °C
- 1.3b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.8
W
TC = 70 °C
1.8
TA = 25 °C
1.6b, c
TA = 70 °C
1.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45
E-mail:China@VBsemi TEL:86-755-83251052
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RRL035P03
1


Similar Part No. - RRL035P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RRL035P03 ROHM-RRL035P03 Datasheet
375Kb / 6P
4V Drive Pch MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
Pch -30V -3.5A Power MOSFET
More results

Similar Description - RRL035P03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com