Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSDMP7902 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSDMP7902
Description  coded magnetic switch XCSDMP - 2 NC - staggered - 2m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDMP7902 Datasheet(HTML) 1 Page - Schneider Electric

  XCSDMP7902 Datasheet HTML 1Page - Schneider Electric XCSDMP7902 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb 8, 2021
1
Product data sheet
Characteristics
XCSDMP7902
coded magnetic switch XCSDMP - 2 NC -
staggered - 2m
Main
Range of product
Preventa Safety detection
Product or component
type
Coded magnetic switch
Component name
XCSDMP
Design
Rectangular, standard
Size
88 x 25 x 13 mm
Contacts type and
composition
2 NC
Contact operation
Staggered
Material
Plastic
Electrical connection
Pre-cabled
Cable composition
4 x 0.25 mm²
Cable length
2 m
Number of poles
2
Approach directions
3 directions
[Ue] rated operational
voltage
24 V DC
[Ui] rated insulation
voltage
100 V DC
Complementary
[Sa] assured operating distance
8 mm
[Sar] assured tripping distance
20 mm
Maximum [Ie] rated operational current
100 mA
[Uimp] rated impulse withstand voltage
EN/IEC 60947-5-1 2.5 kV
Resistance across terminals
10 Ohm
Short-circuit protection
500 mA external cartridge fuse type gG (gl)
Contacts material
Rhodium
Electrical durability
1200000 cycles
Maximum switching voltage
100 V DC
Switching capacity in mA
0.1...100 mA
Insulation resistance
1000 MOhm
Breaking capacity
10 VA
Switching frequency
150 Hz
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to EN/IEC 61508
Safety reliability data
B10d = 50000000 value given for a life time of 20 years limited by mechanical or
contact wear
Enclosure material
Thermoplastic PBT
Cable material
PVC
Depth
13 mm
Height
88 mm
Width
25 mm
Net weight
0.18 kg


Similar Part No. - XCSDMP7902

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDMP79010 SCHNEIDER-XCSDMP79010 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMP7905 SCHNEIDER-XCSDMP7905 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 5m
Feb 8, 2021
XCSDMP790L01M12 SCHNEIDER-XCSDMP790L01M12 Datasheet
81Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - M12 0.15m
Feb 8, 2021
More results

Similar Description - XCSDMP7902

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDMP5002 SCHNEIDER-XCSDMP5002 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 1 NC 2 NO - 1 NO staggered - 2m
Feb 8, 2021
XCSDMP5012 SCHNEIDER-XCSDMP5012 Datasheet
82Kb / 2P
coded magnetic switch XCSDMP - 1 NC 2 NO - 1 NO staggered - 2m
Feb 8, 2021
XCSDMP5912 SCHNEIDER-XCSDMP5912 Datasheet
97Kb / 2P
coded magnetic switch XCSDMP - 1 NC 1 NO - staggered - 2m
Feb 8, 2021
XCSDMP7002 SCHNEIDER-XCSDMP7002 Datasheet
78Kb / 2P
coded magnetic switch XCSDMP - 2 NC 1 NO - 1 NC staggered - 2m
Feb 8, 2021
XCSDMP7012 SCHNEIDER-XCSDMP7012 Datasheet
96Kb / 2P
coded magnetic switch XCSDMP - 2 NC 1 NO - 1 NC staggered - 2m
Feb 8, 2021
XCSDMP7905 SCHNEIDER-XCSDMP7905 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 5m
Feb 8, 2021
XCSDMP7912 SCHNEIDER-XCSDMP7912 Datasheet
92Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP7915 SCHNEIDER-XCSDMP7915 Datasheet
92Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 5m
Feb 8, 2021
XCSDMP79010 SCHNEIDER-XCSDMP79010 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMP79110 SCHNEIDER-XCSDMP79110 Datasheet
92Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 10m
Feb 8, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com