Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSDMP7905 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSDMP7905
Description  coded magnetic switch XCSDMP - 2 NC - staggered - 5m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDMP7905 Datasheet(HTML) 2 Page - Schneider Electric

  XCSDMP7905 Datasheet HTML 1Page - Schneider Electric XCSDMP7905 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Environment
Standards
EN/ISO 12100
UL 508
EN/IEC 60947-5-1
CSA C22.2 No 14
EN/IEC 60204-1
ISO 14119
Product certifications
UL
CSA
BG
Protective treatment
TH
Ambient air temperature for operation
-25…85 °C
Ambient air temperature for storage
-40…85 °C
Vibration resistance
10 gn (f= 10…150 Hz) conforming to IEC 60068-2-6
Shock resistance
30 gn for 11 ms conforming to IEC 60068-2-27
Maximum sensitivity to magnetic fields
0.3 mT
Electrical shock protection class
Class II conforming to EN/IEC 61140
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
262 g
Package 1 Height
2.2 cm
Package 1 width
17 cm
Package 1 Length
16 cm
Unit Type of Package 2
BAG
Number of Units in Package 2
1
Package 2 Weight
262 g
Package 2 Height
2.2 cm
Package 2 width
17 cm
Package 2 Length
16 cm
Unit Type of Package 3
S02
Number of Units in Package 3
14
Package 3 Weight
4.123 kg
Package 3 Height
15 cm
Package 3 width
30 cm
Package 3 Length
40 cm
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com