Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS85LS1002P Datasheet(PDF) 6 Page - Greenliant systems

Part # GLS85LS1002P
Description  Industrial Grade SATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1002P Datasheet(HTML) 6 Page - Greenliant systems

  GLS85LS1002P Datasheet HTML 1Page - Greenliant systems GLS85LS1002P Datasheet HTML 2Page - Greenliant systems GLS85LS1002P Datasheet HTML 3Page - Greenliant systems GLS85LS1002P Datasheet HTML 4Page - Greenliant systems GLS85LS1002P Datasheet HTML 5Page - Greenliant systems GLS85LS1002P Datasheet HTML 6Page - Greenliant systems GLS85LS1002P Datasheet HTML 7Page - Greenliant systems GLS85LS1002P Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Factsheet 04.100
July 2018
These specifications are subject to change without notice.
07/10/2018
© 2018 Greenliant
6
S71432-F
GLS85LS1002P / 1004P / 1008P
Industrial Grade
SATA NANDrive™
2GB
Industrial (-40°C to 85°C)
GLS85LS1002P-S-I-1MS-ED104
JEDEC MO-300
4GB
Industrial (-40°C to 85°C)
GLS85LS1004P-S-I-1MS-K
JEDEC MO-300
4GB
Industrial (-40°C to 85°C)
GLS85LS1004P-S-I-1MS-ED104
JEDEC MO-300
8GB
Industrial (-40°C to 85°C)
GLS85LS1008P-S-I-1MS-K
JEDEC MO-300
8GB
Industrial (-40°C to 85°C)
GLS85LS1008P-S-I-1MS-ED101
JEDEC MO-300
8GB
Industrial (-40°C to 85°C)
GLS85LS1008P-S-I-1MS-ED104
JEDEC MO-300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com