Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS55LD040M Datasheet(PDF) 2 Page - Greenliant systems

Part # GLS55LD040M
Description  PATA NAND Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS55LD040M Datasheet(HTML) 2 Page - Greenliant systems

  GLS55LD040M Datasheet HTML 1Page - Greenliant systems GLS55LD040M Datasheet HTML 2Page - Greenliant systems GLS55LD040M Datasheet HTML 3Page - Greenliant systems GLS55LD040M Datasheet HTML 4Page - Greenliant systems GLS55LD040M Datasheet HTML 5Page - Greenliant systems GLS55LD040M Datasheet HTML 6Page - Greenliant systems GLS55LD040M Datasheet HTML 7Page - Greenliant systems GLS55LD040M Datasheet HTML 8Page - Greenliant systems GLS55LD040M Datasheet HTML 9Page - Greenliant systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Fact Sheet 01.000
November 2011
These specifications are subject to change without notice.
11/28/2011
© 2011 Greenliant Systems
2
S71408-F
GLS55LD040M
PATA NAND Controller
1.0
GENERAL DESCRIPTION
The GLS55LD040M PATA NAND Controller contains a microcontroller and a flash file system integrated in a
TFBGA package. Refer to Figure 2-1 for the PATA NAND Controller block diagram. The controller interfaces with
the host system allowing data to be written to and read from the flash media.
1.1
Optimized PATA NAND Controller
The heart of the flash drive is the PATA NAND
Controller which translates standard ATA signals into
flash media data and control signals. The following
components
contribute
to
the
PATA
NAND
Controller’s operation.
1.1.1
Microcontroller Unit (MCU)
The 32 bit RISC MCU transfers the ATA/IDE
commands into required flash media operations.
1.1.2
Internal Direct Memory Access (DMA)
The PATA NAND Controller uses internal DMA
allowing instant data transfer from buffer to flash
media. This implementation eliminates microcontroller
overhead associated with the traditional, firmware-
based approach, thereby increasing the data transfer
rate.
1.1.3
Power Management Unit (PMU)
The power management unit controls the power
consumption of the PATA NAND Controller. The PMU
dramatically reduces the power consumption of the
PATA NAND Controller by putting the part of the
circuitry that is not in operation into sleep mode. The
PMU is designed so that it has zero wake-up latency
when using the internal clock.
1.1.4
SRAM Buffer
A
contributor
to
the
PATA
NAND
Controller
performance is an SRAM buffer. The buffer optimizes
the Host’s data transfer from/to and to/from the flash
media.
1.1.5
Embedded Flash File System
The embedded flash file system is an integral part of
the PATA NANDrive. It contains MCU firmware that
performs the following tasks:
1.
Translates host side signals into flash media
writes and reads
2.
Provides advanced flash media wear leveling to
spread the flash writes to increase the longevity
of flash media
3.
Keeps track of data file structures
4.
Manages
system
security for
the
selected
protection zones
5.
Stores the data in Flash media upon completion
of
a
Write
command.
The
PATA
NAND
Controller
does
not
perform
Post-Write
operations, except for when the Write cache is
enabled by the Host command.
1.1.6
Media Interface Block (MIB)
The GLS55LD040M contains two Media Interface
Blocks, MIB0 and MIB1. The MIB work independently
to transfer data to and from the NAND Flash media.
Each MIB controls two 8-bit channels.
Each Media Interface Block has three functions: DMA,
ECC and Programmable Multi-tasking NAND Interface.
1.1.7
Programmable, Multi-tasking Interface
The multi-tasking interface enables fast, sustained
write performance by allowing multiple Read, Program,
and Erase operations to multiple flash media devices.
The ease with which the NAND interface can be
programmed enables the quick support of new NAND
devices.
1.1.8
Error Correction Code (ECC)
The
GLS55LD040M
utilizes
24-bit,
BCH
Error
detection Code (EDC) and Error Correction Code
(ECC) algorithms. The ECC engine can provide,
depending on settings, 6 or 12 bits of ECC for each
512-Byte block of data, and 12 or 24 bits of ECC for
each 1KByte of data.
The ECC encoding and decoding operations occur
during the data transfer.
1.1.9
Serial Communication Interface (SCI)
The Serial Communication Interface (SCI) is designed
to
provide
trace
information
during
debugging
processes. To aid in validation, always provide the
SCI access to PCB design.
1.1.10 External Clock
The
GLS55LD040M
supports
an
external
clock
interface (XCLKI) that is enabled, or disabled, by the
external clock enable (XCLKEN) input signal. With a
4.7K
ohm
pull-down
resistor
connected
to
the
XCLKEN pin, and a 6.0 MHz external oscillator or
clock source present at the XCLKI input pin, the
GLS55LD040M uses the external oscillator as the
internal clock reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com