Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS86FC016G2 Datasheet(PDF) 2 Page - Greenliant systems

Part # GLS86FC016G2
Description  Industrial Temp mSATA ArmourDrive MX Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS86FC016G2 Datasheet(HTML) 2 Page - Greenliant systems

  GLS86FC016G2 Datasheet HTML 1Page - Greenliant systems GLS86FC016G2 Datasheet HTML 2Page - Greenliant systems GLS86FC016G2 Datasheet HTML 3Page - Greenliant systems GLS86FC016G2 Datasheet HTML 4Page - Greenliant systems GLS86FC016G2 Datasheet HTML 5Page - Greenliant systems GLS86FC016G2 Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Factsheet 00.100
January 2020
These specifications are subject to change without notice.
01/10/2020
© 2020 Greenliant
2
S71488-01
GLS FS0019 Rev. 00
GLS86FC016G2 / 032G2 / 064G2 / 128G2
Industrial Temp mSATA ArmourDrive™ MX Series
1.0
GENERAL DESCRIPTION
Each mSATA ArmourDrive module contains a NANDrive multi-chip package, which integrates a SATA NAND
flash controller with discrete NAND flash die. Refer to Figure 2-1 for the mSATA ArmourDrive block diagram.
1.1
Optimized mSATA ArmourDrive
The heart of mSATA ArmourDrive is the SATA NAND
flash controller, which translates standard SATA
signals into flash media data and control signals. The
following
components
contribute
to
mSATA
ArmourDrive’s operation.
1.1.1
Microcontroller Unit (MCU)
The MCU translates SATA commands into data and
control signals required for flash media operation.
1.1.2
Internal Direct Memory Access (DMA)
mSATA ArmourDrive uses internal DMA allowing
instant data transfer from/to buffer to/from flash media.
This
implementation
eliminates
microcontroller
overhead associated with the traditional, firmware-
based approach, thereby increasing the data transfer
rate.
1.1.3
Power Management Unit (PMU)
The PMU controls the power consumption of mSATA
ArmourDrive. The PMU dramatically reduces the
power consumption of mSATA ArmourDrive by putting
the part of the circuitry that is not in operation into
sleep mode.
The Flash File System handles inadvertent power
interrupts and has auto-recovery capability to ensure
mSATA ArmourDrive firmware integrity. For regular
power
management,
the
host
must
send
an
IDLE_IMMEDIATE command and wait for command
ready before powering down mSATA ArmourDrive.
1.1.4
Embedded Flash File System
The embedded flash file system is an integral part of
mSATA ArmourDrive. It contains MCU firmware that
performs the following tasks:
1.
Translates host side signals into flash media
writes and reads
2.
Provides flash media wear leveling to spread
the flash writes across all memory address
space to increase the longevity of flash media
3.
Keeps track of data file structures
4.
Manages system security for the selected
protection zones
1.1.5
Error Correction Code (ECC)
The ECC technology uses advanced algorithms to
detect and correct errors, ensuring data integrity and
extending the SSD lifespan.
1.1.6
Multi-tasking Interface
The multi-tasking interface enables fast, sequential
write performance by allowing concurrent Read,
Program and Erase operations to multiple flash media.
1.2
Advanced NAND Management
mSATA
ArmourDrive’s
controller
uses
advanced
wear-leveling algorithms to substantially increase the
longevity of NAND flash media. Wear caused by data
writes is evenly distributed in all or select blocks in the
device that prevents “hot spots” in locations that are
programmed and erased extensively. This effective
wear-leveling technique results in optimized device
endurance, enhanced data retention and higher
reliability required by long-life applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com