Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-701ASDZ Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 2 Page - Broadcom Corporation.

  AFCT-701ASDZ Datasheet HTML 1Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 2Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Description, continued
Installation
The AFCT-701ASDZ transceiver package is compliant
with the SFF 8432 Improved Pluggable Formfactor hous-
ing specification for the SFP+. It can be installed in any
INF-8074 or SFF-8431/2 compliant Small Form Pluggable
(SFP) port regardless of host equipment operating status
The AFCT-701ASDZ is hot-pluggable, allowing the mod-
ule to be installed while the host system is operating and
on-line. Upon insertion, the transceiver housing makes
initial contact with the host board SFP cage, mitigating
potential damage due to Electro-Static Discharge (ESD).
Digital Diagnostic Interface and Serial Identification
The two-wire interface protocol and signaling detail
are based on SFF-8431. Conventional EEPROM mem-
ory, bytes 0-255 at memory address 0xA0, is organized
in compliance with SFF-8431. New digital diagnostic
information, bytes 0-255 at memory address 0xA2, is
compliant to SFF-8472. The new diagnostic information
provides the opportunity for Predictive Failure Identifi-
cation, Compliance Prediction, Fault Isolation and Com-
ponent Monitoring.
Predictive Failure Identification
The AFCT-701ASDZ predictive failure feature allows a
host to identify potential link problems before system
performance is impacted. Prior identification of link
problems enables a host to service an application via
“fail over”to a redundant link or replace a suspect device,
maintaining system uptime in the process. For applica-
tions where ultra-high system uptime is required, a digi-
tal SFP provides a means to monitor two real-time laser
metrics associated with observing laser degradation and
predicting failure: average laser bias current (Tx_Bias)
and average laser optical power (Tx_Power).
Compliance Prediction
Compliance prediction is the ability to determine if an
optical transceiver is operating within its operating and
environmental requirements. AFCT-701ASDZ devices
provide real-time access to transceiver internal supply
voltage and temperature, allowing a host to identify po-
tential component compliance issues. Received optical
power is also available to assess compliance of a cable
plant and remote transmitter. When operating out of re-
quirements, the link cannot guarantee error free trans-
mission.
Fault Isolation
The fault isolation feature allows a host to quickly pin-
point the location of a link failure, minimizing downtime.
For optical links, the ability to identify a fault at a local
device, remote device or cable plant is crucial to speed-
ing service of an installation. AFCT-701ASDZ real-time
monitors of Tx_Bias, Tx_Power, Vcc, Temperature and
Rx_Power can be used to assess local transceiver current
operating conditions. In addition, status flags TX_DIS-
ABLE and Rx Loss of Signal (LOS) are mirrored in memory
and available via the two-wire serial interface.
Component Monitoring
Component evaluation is a more casual use of the AFCT-
701ASDZ real-time monitors of Tx_Bias, Tx_Power, Vcc,
Temperature and Rx_Power. Potential uses are as debug-
ging aids for system installation and design, and trans-
ceiver parametric evaluation for factory or field qualifi-
cation. For example, temperature per module can be
observed in high density applications to facilitate ther-
mal evaluation of blades, PCI cards and systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com