Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY14N60X2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTY14N60X2
Description  X2-Class Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY14N60X2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTY14N60X2 Datasheet HTML 1Page - IXYS Corporation IXTY14N60X2 Datasheet HTML 2Page - IXYS Corporation IXTY14N60X2 Datasheet HTML 3Page - IXYS Corporation IXTY14N60X2 Datasheet HTML 4Page - IXYS Corporation IXTY14N60X2 Datasheet HTML 5Page - IXYS Corporation IXTY14N60X2 Datasheet HTML 6Page - IXYS Corporation IXTY14N60X2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2020 Littelfuse, Inc.
DS100998A(5/20)
X2-Class
Power MOSFET
N-Channel Enhancement Mode
IXTY14N60X2
V
DSS
= 600V
I
D25
= 14A
R
DS(on)
250m
Features
International Standard Package
Low R
DS(ON) and QG
Avalanche Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250µA
600
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.5
4.5
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
10
A
T
J = 125C
150
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
250 m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
600
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
600
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C
14
A
I
DM
T
C = 25C, Pulse W idth Limited by TJM
18
A
I
A
T
C = 25C
7
A
E
AS
T
C = 25C
150
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
15
V/ns
P
D
T
C = 25C
180
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
SOLD
Plastic Body for 10s
260
°C
Weight
0.35
g
D
G
S
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-252
(IXTY)
G
S
D (Tab)


Similar Part No. - IXTY14N60X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTY10P15T IXYS-IXTY10P15T Datasheet
187Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
logo
Inchange Semiconductor ...
IXTY10P15T ISC-IXTY10P15T Datasheet
306Kb / 2P
isc P-Channel MOSFET Transistor
logo
IXYS Corporation
IXTY12N06T IXYS-IXTY12N06T Datasheet
168Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
logo
Inchange Semiconductor ...
IXTY12N06T ISC-IXTY12N06T Datasheet
307Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTY15P15T IXYS-IXTY15P15T Datasheet
284Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTY14N60X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA22N65X2 IXYS-IXFA22N65X2 Datasheet
209Kb / 6P
X2-Class HiPerFETTM
IXFA34N65X2 IXYS-IXFA34N65X2 Datasheet
210Kb / 6P
X2-Class HiPerFETTM
IXFH46N65X2 IXYS-IXFH46N65X2 Datasheet
155Kb / 5P
X2-Class HiPerFETTM
IXFH80N65X2 IXYS-IXFH80N65X2 Datasheet
209Kb / 5P
X2-Class HiPerFETTM
IXFN150N65X2 IXYS-IXFN150N65X2 Datasheet
132Kb / 5P
X2-Class HiPerFETTM
IXFN170N65X2 IXYS-IXFN170N65X2 Datasheet
131Kb / 5P
X2-Class HiPerFETTM
IXFT60N65X2HV IXYS-IXFT60N65X2HV Datasheet
197Kb / 6P
X2-Class HiPerFETTM
IXFT80N65X2HV IXYS-IXFT80N65X2HV Datasheet
197Kb / 6P
X2-Class HiPerFETTM
IXTP14N60X2 IXYS-IXTP14N60X2 Datasheet
685Kb / 7P
X2-Class Power MOSFET
IXFP12N65X2M IXYS-IXFP12N65X2M Datasheet
574Kb / 6P
X2-Class HiperFETTM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com