Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2045 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SL2045
Description  Surface Mount Low VF Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SL2045 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SL2045 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SL2045 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL2050
10
20
Fig3: Surge Forward Current Capadility
Fig2 : Instantaneous Forward Voltage
=25
=100
100
1
300
250
200
150
100
50
Fig4: Typical Reverse Characteristics
1
0
2
10
20
100
Number of Cycles
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
℃
℃
0.4
0.6
0.8
1.0
VF(V)
0.1
0
0.2
Fig.1 - Forward Current Derating Curve
25
50
75
100
125
150
175
10
5
Based on Lead Temp(T )
L
0
TA
TA
SL2045
SL2060
SL2080-SL20100
SL2050
=25
℃
TA
LEAD TEMPERATURE , T ( C)
°
L
FIG.5 MOUNTING PAD LAYOUT
0.131
(3.35)
0.043
(1.10)
0.072
(1.84)
SL2045-SL20100
Surface Mount Low VF Schottky Rectifiers
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
http://www.trr-jx.com
version: 02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com