Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK560VS Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SK560VS
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SK560VS Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SK560VS Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SK560VS Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SK560VS Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.0
2.0
3.0
4.0
5.0
6.0
CASE TEMPERATURE,(°C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
3.0
Tj=25 C
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
40
20
0
60
100
80
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1.0
100
10
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100
40V~45V
60V~200V
J
=
T25°C
TJ=100°C
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
http://www.trr-jx.com
version: 02
.
Surface Mount Schottky Rectifiers
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
SK540xS THRU SK5200xS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com