Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBF310 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # TMBF310
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

TMBF310 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  TMBF310 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. TMBF310 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. TMBF310 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES:
Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• Forward Current - 3.0 A
• High Surge Current Capability
• Designed for Surface Mount Application
•
MECHANICAL DATA
• Case:DBF
• Terminals: Solderable per MIL-STD-750, Method 2026
A
•
pprox. Weight: 0.234g / 0.00825oz
Output Cathode(-)
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Anode(+)
Input Pin(~)
Input Pin(~)
4
3
2
1
ackage
+
-
~
~
(2)
(1)
(3)
(4)
Maximum Ratings and Electrical characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
(
×
)copper pad.
1.5" 1.5"
3.81 3.81 cm
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 3.0 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Typical Junction Capacitance
(Note1)
VRRM
VRMS
VDC
IO
IFSM
VF
V
V
V
3.0
120
1.1
40
-55 ~ +150
A
A
V
μA
pF
°C
Units
Cj
T , T
j
stg
Symbols
Average Rectified Output Current
100
200
400
600
800
1000
100
200
400
600
800
1000
70
140
280
420
560
700
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
5
100
@
T =25 °C
A
@
T =125 °C
A
TMBF301 TMBF302
304
306
308
3 10
60
10
25
Typical Thermal Resistance
(Note2)
RθJA
R
θJC
R
θJL
°C/W
TMBF301 THRU TMBF310
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF
TMBF
TMBF
TMBF
DBF P
http://www.trr-jx.com
version: 02


Similar Part No. - TMBF310

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
TMBF310 CHONGQING-TMBF310 Datasheet
215Kb / 2P
SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
TMBF310 CHENDA-TMBF310 Datasheet
480Kb / 2P
S INGLE P HASE 3.0 AMPS. GLASS PASSIVATED B RIDGE R ECTIFIERS
logo
Nanjing International G...
TMBF310 DGNJDZ-TMBF310 Datasheet
231Kb / 2P
SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - TMBF310

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB05S. JUXING-UMB05S. Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com