Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW1C025ZP Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # RW1C025ZP
Description  P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RW1C025ZP Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  RW1C025ZP Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RW1C025ZP Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
L
c
E
E1
e
D
e1
A2 A
A1
1
-A-
b
-B-
23
65
4
SC70: 6LEADS
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
0.90
–
1.10
0.035
–
0.043
A1
–
–
0.10
–
–
0.004
A2
0.80
–
1.00
0.031
–
0.039
b
0.15
–
0.30
0.006
–
0.012
c
0.10
–
0.25
0.004
–
0.010
D
1.80
2.00
2.20
0.071
0.079
0.087
E
1.80
2.10
2.40
0.071
0.083
0.094
E1
1.15
1.25
1.35
0.045
0.049
0.053
e
0.65BSC
0.026BSC
e1
1.20
1.30
1.40
0.047
0.051
0.055
L
0.10
0.20
0.30
0.004
0.008
0.012
7
_Nom
7
_Nom
ECN: S-03946—Rev. B, 09-Jul-01
DWG: 5550
E-mail:China@VBsemi TEL:86-755-83251052
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RW1C025ZP
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com