Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD8210 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FTD8210
Description  High Efficiency 1.5MHz, Step Up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8210 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FTD8210 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 9Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 10Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 11Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 12Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 13Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 14Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 15Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2014. 01. 04
13/15
Revision No : 0
FTD8210
Application Information
Input Capacitor Selection
The input capacitor (CIN) reduces the ripple of the input current
drawn from the input supply and reduces noise injection into the
IC. The reflected ripple voltage will be smaller when an input
capacitor with larger capacitance is used. For reliable operation, it
is recommended to select the capacitor with maximum voltage
rating at least 1.2 times of the maximum input voltage. The
capacitors should be placed close to the VIN and the GND.
Inductor Selection
Selecting an inductor with low dc resistance reduces conduction
losses and achieves high efficiency. The efficiency is moderated
whilst using small chip inductor which operates with higher
inductor core losses. Therefore, it is necessary to take further
consideration while choosing an adequate inductor. Mainly, the
inductor value determines the inductor ripple current: larger
inductor value results in smaller inductor ripple current and lower
conduction losses of the converter. However, larger inductor value
generates slower load transient response. A reasonable design
rule is to set the ripple current,△IL, to be 30% to 50% of the
maximum average inductor current,IL(AVG). The inductor value can
be obtained as below,
where
VIN = input voltage
VOUT = output voltage
FSW = switching frequency in MHz
IOUT = maximum output current in amp.
η
= Efficiency
△
IL /IL(AVG) = inductor ripple current/average current
(0.3 to 0.5 typical)
To avoid the saturation of the inductor, the inductor should be
rated at least for the maximum input current of the converter plus
the inductor ripple current. The maximum input current is
calculated as below:
The peak inductor current is calculated as the following equation:
Output Capacitor Selection
The current-mode control scheme of the FTD8210 allows the usage
of tiny ceramic capacitors. The higher capacitor value provides
good load transients response. Ceramic capacitors with low ESR
values have the lowest output voltage ripple and are
recommended. If required,tantalum capacitors may be used as
well. The output ripple is the sum of the voltages across the ESR
and the ideal output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com