Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMD014-33 Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # MSMD014-33
Description  Resettable Fuse PTC SMD1812 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

MSMD014-33 Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  MSMD014-33 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD MSMD014-33 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD MSMD014-33 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD MSMD014-33 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD MSMD014-33 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD MSMD014-33 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD MSMD014-33 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD MSMD014-33 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMD1812 Series
Electrical characteristics(25℃)
Part Number
I Hold I Trip
Vmax Imax
Pd
Max
Maximum Time to
Trip
Resistance(Ω)
Certification
Delivery Time
A
A
DC
A
W
Current
(
A)
Time
(
S)
Rimin
R1max
UL TUV
in stock Produce
mSMD110
1.10
2.20
8V
100
0.8
8.0
0.30
0.050
0.25
√
√
3days 18days
mSMD110-16
1.10
2.20
16V
100
0.8
8.0
0.30
0.050
0.25
√
√
3days 18days
mSMD110-24
1.10
2.20
24V
100
0.8
8.0
0.30
0.050
0.25
√
√
3days 18days
mSMD110-33
1.10
2.20
33V
100
0.8
8.0
0.30
0.050
0.25
√
√
3days 18days
mSMD125-8
1.25
2.50
8V
100
0.8
8.0
0.40
0.050
0.20
√
√
3days 18days
mSMD125
1.25
2.50
16V
100
0.8
8.0
0.40
0.050
0.20
-
√
3days 18days
mSMD150
1.50
3.00
8V
100
0.8
8.0
0.50
0.040
0.16
√
√
3days 18days
mSMD150-16
1.50
3.00
16V
100
0.8
8.0
0.50
0.040
0.16
√
√
3days 18days
mSMD150-24
1.50
3.00
24V
100
0.8
8.0
0.50
0.040
0.16
-
√
3days 18days
mSMD160
1.60
2.80
8V
100
0.8
8.0
1.00
0.030
0.13
√
√
3days 18days
mSMD200
2.00
4.00
8V
100
0.8
8.0
2.00
0.020
0.10
√
√
3days 18days
mSMD200-12
2.00
4.00
12V
100
0.8
8.0
2.00
0.020
0.10
-
√
3days 18days
mSMD200-16
2.00
4.00
16V
100
0.8
8.0
2.00
0.020
0.10
-
√
3days 18days
mSMD260
2.60
5.00
8V
100
0.8
8.0
2.50
0.015
0.05
√
√
3days 18days
mSMD260-12
2.60
5.00
12V
100
0.8
8.0
2.50
0.015
0.06
-
√
3days 18days
mSMD260-16
2.60
5.00
16V
100
0.8
8.0
2.50
0.015
0.06
-
√
3days 18days
mSMD300
3.00
5.00
6V
100
0.8
8.0
4.00
0.012
0.04
√
√
3days 18days
mSMD350
3.50
6.00
6V
35
2.0
8.0
4.00
0.008
0.03
-
√
3days 18days
Ihold = Hold Current. Maximum current device will not trip in 25°C still air.
Itrip = Trip Current. Minimum current at which the device will always trip in 25°C still air.
Vmax = Maximum operating voltage device can withstand without damage at rated current (Imax).
Imax = Maximum fault current device can withstand without damage at rated voltage (Vmax).
Pd=Maximum power dissipation when device is in the tripped state in 25°C still air environment at rated voltage.
Rimin/max = Minimum/Maximum device resistance prior to tripping at 25°C.
R1max = Maximum device resistance is measured one hour post reflow.
Specifications are subject to change without notice
4
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com