Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6521 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6521
Description  8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6521 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6521 Datasheet HTML 1Page - Renesas Technology Corp F6521 Datasheet HTML 2Page - Renesas Technology Corp F6521 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8-Ch Tx Active Beamforming IC
13.75 – 14.5 GHz
F6521
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
March 13, 2020
Description
The F6521 is an 8-channel transmit active beamforming RFIC
designed for application in Ku-band SATCOM planar phased array
antennas. The IC has a single common RF input port and eight
output channels. The eight independently controlled output
channels can drive eight single-polarized elements or four dual-
polarized elements of an electronically scanned array (ESA). Each
channel has 6 bits of digital phase control covering 360° and 25dB
of gain control with a minimum step size of 0.2dB, enabling precise
beam pattern and polarization control.
Operating from a single supply of 2.1 - 2.5V, the RFIC has 28dB of
nominal small signal gain with a typical P1dB of 10.5dBm per
channel. The F6521 is highly efficient and features a low power
standby mode as well as independent enable controls on every
channel. The device’s SPI bus and control pins operate from
standard 1.8V logic at speeds up to 50MHz. Advanced digital
modes and large on-chip memory allows for < 100ns beam position
switching times at the array level, greatly reducing dead time and
latency.
Finally, the compact and CTE-matched FC-BGA organic package
with all single-ended 50ohm matched RF ports greatly simplifies
the physical integration of the F6521 onto large antenna panels.
Typical Applications
Phased array antennas
Ku-band SATCOM terminals
Aerospace and maritime
Features
13.75 – 14.5GHz operation
Supports 4 dual-pol elements or 8 single-pol
360° phase control with 6-bit resolution
25dB gain control with 0.2dB minimum step
25dB small signal gain
10.5dBm output P1dB
2.3V nominal single supply input
Standard 1.8V digital logic
Temperature compensation
Temperature sensor with digital readout
Advanced digital modes with fast beam steering
On-chip beam-state memory
3.8 × 4.6 × 0.9 mm, 62-pin FC-BGA package
Block Diagram


Similar Part No. - F6521

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6522AVGI RENESAS-F6522AVGI Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6522AVGI8 RENESAS-F6522AVGI8 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6522EVS RENESAS-F6522EVS Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
More results

Similar Description - F6521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
13.75 - 14.5 GHz 0.5 W MMIC
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
13.75 - 14.5 GHz 0.5W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
13.75 - 14.5 GHz 1 W MMIC
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
13.75 - 14.5 GHz 1W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2 W MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
13.75 - 14.5 GHz 21 dBm MMIC
logo
Excelics Semiconductor,...
EIC1314-8 EXCELICS-EIC1314-8 Datasheet
216Kb / 4P
13.75-14.5 GHz 8-Watt Internally Matched Power FET
logo
Renesas Technology Corp
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com