Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDR10D270K Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # VDR10D270K
Description  Metal Oxide Varistors (MOV)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

VDR10D270K Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  VDR10D270K Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD VDR10D270K Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD VDR10D270K Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD VDR10D270K Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD VDR10D270K Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD VDR10D270K Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VDR10D High Surge MOV
Electrical Characteristics
Part Number
Maximum Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Max Surge
Current 8/20μs
Maximum
Energy
(10/1000μs)
Typical
Capacitance
(Reference)
Safety
Certification
High Surge MOV
VAC(V)
VDC(V)
V1mA(V)
VC(V)
Imax
(J)
1KHz(pf)
UL / CULVDE
AT 25A
High Surge
High Surge
VDR10D180LJ
11
14
18(15~21.6)
36
1000A
3.0
5600
-
-
VDR10D220KJ
14
18
22(19.5~26)
43
1000A
5.0
4500
-
-
VDR10D270KJ
17
22
27(24~30)
53
1000A
6.0
3700
-
-
VDR10D330KJ
20
26
33(29.5~36.5)
66
1000A
7.0
3000
-
-
VDR10D390KJ
25
31
39(35~43)
77
1000A
9.0
2400
-
-
VDR10D470KJ
30
38
47(42~54)
93
1000A
11.0
2100
-
-
VDR10D560KJ
35
45
56(50~62)
100
1000A
13.0
1800
-
-
VDR10D680KJ
40
56
68(61~75)
135
1000A
15.0
1500
-
-
VDR10D820KJ
50
65
82(74~90)
135
3500A
17.0
1200
-
-
VDR10D101KJ
60
85
100(90~110)
165
3500A
18.0
1000
-
-
VDR10D121KJ
75
100
120(108~132)
200
3500A
21.0
830
-
-
VDR10D151KJ
95
125
150(135~165)
250
3500A
25.0
670
-
-
VDR10D181KJ
115
150
180(162~198)
300
3500A
30.0
560
-
-
VDR10D201KJ
130
170
200(180~220)
340
3500A
35.0
500
-
-
VDR10D221KJ
140
180
220(198~242)
360
3500A
39.0
450
-
-
VDR10D241KJ
150
200
240(216~264)
395
3500A
42.0
420
-
-
VDR10D271KJ
175
225
270(243~297)
455
3500A
49.0
370
-
-
VDR10D301KJ
190
250
300(270~330)
500
3500A
54.0
330
-
-
VDR10D331KJ
210
275
330(297~363)
550
3500A
58.0
300
-
-
VDR10D361KJ
230
300
360(324~396)
595
3500A
65.0
280
-
-
VDR10D391KJ
250
320
390(351~429)
650
3500A
70.0
260
-
-
VDR10D431KJ
275
350
430(387~473)
710
3500A
80.0
230
-
-
VDR10D471KJ
300
385
470(423~517)
775
3500A
85.0
210
√
-
VDR10D511KJ
320
415
510(459~561)
845
3500A
90.0
200
√
-
VDR10D561KJ
350
460
560(504~616)
925
3500A
92.0
180
√
-
VDR10D621KJ
385
505
620(558~682)
1025
3500A
95.0
160
√
-
VDR10D681KJ
420
560
680(612~748)
1120
3500A
98.0
150
√
-
VDR10D751KJ
460
615
750(675~825)
1240
3500A
100.0
130
-
-
VDR10D781KJ
485
640
780(702~858)
1290
3500A
105.0
130
-
-
VDR10D821KJ
510
670
820(738~902)
1355
3500A
110.0
120
-
-
VDR10D911KJ
550
745
910(819~1001)
1500
3500A
130.0
110
-
-
VDR10D102KJ
625
825
1000(900~1100)
1650
3500A
140.0
100
-
-
VDR10D112KJ
680
895
1100(990~1210)
1815
3500A
155.0
90
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com