Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW8A62E Datasheet(PDF) 21 Page - Seoul Semiconductor

Part # SAW8A62E
Description  Mid-Power LED
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8A62E Datasheet(HTML) 21 Page - Seoul Semiconductor

Back Button SAW8A62E Datasheet HTML 17Page - Seoul Semiconductor SAW8A62E Datasheet HTML 18Page - Seoul Semiconductor SAW8A62E Datasheet HTML 19Page - Seoul Semiconductor SAW8A62E Datasheet HTML 20Page - Seoul Semiconductor SAW8A62E Datasheet HTML 21Page - Seoul Semiconductor SAW8A62E Datasheet HTML 22Page - Seoul Semiconductor SAW8A62E Datasheet HTML 23Page - Seoul Semiconductor SAW8A62E Datasheet HTML 24Page - Seoul Semiconductor SAW8A62E Datasheet HTML 25Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8A62E
– Mid-Power LED
21
Rev1.3, Aug 24, 2020
Color Bin Structure
J11
J21
J31
J41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4810
0.4319
0.4877
0.4327
0.4942
0.4335
0.5006
0.4342
0.4877
0.4327
0.4942
0.4335
0.5006
0.4342
0.5070
0.4350
0.4821
0.4233
0.4883
0.4241
0.4946
0.4248
0.5008
0.4256
0.4756
0.4225
0.4821
0.4233
0.4883
0.4241
0.4946
0.4248
J12
J22
J32
J42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4756
0.4225
0.4821
0.4233
0.4883
0.4241
0.4946
0.4248
0.4821
0.4233
0.4883
0.4241
0.4946
0.4248
0.5008
0.4256
0.4764
0.4139
0.4825
0.4147
0.4885
0.4154
0.4946
0.4162
0.4702
0.4132
0.4764
0.4139
0.4825
0.4147
0.4885
0.4154
J13
J23
J33
J43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4702
0.4132
0.4764
0.4139
0.4825
0.4147
0.4885
0.4154
0.4764
0.4139
0.4825
0.4147
0.4885
0.4154
0.4946
0.4162
0.4707
0.4045
0.4766
0.4053
0.4825
0.4060
0.4884
0.4067
0.4647
0.4038
0.4707
0.4045
0.4766
0.4053
0.4825
0.4060
J14
J24
J34
J44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4647
0.4038
0.4707
0.4045
0.4766
0.4053
0.4825
0.4060
0.4707
0.4045
0.4766
0.4053
0.4825
0.4060
0.4884
0.4067
0.4650
0.3951
0.4708
0.3959
0.4765
0.3966
0.4822
0.3973
0.4593
0.3944
0.4650
0.3951
0.4708
0.3959
0.4765
0.3966
CIE Chromaticity Diagram (Warm white), T
j=25℃, IF=50mA
0.45
0.46
0.47
0.48
0.49
0.50
0.51
0.39
0.40
0.41
0.42
0.43
0.44
J44
J43
2300K
2450K
2600K
J41
J31
J21
J11
CIE X
J32
J42
J22
J12
J33
J23
J13
J34
J24
J14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com