Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIBA12AE Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # STIBA12AE
Description  Applicable for automotive interior light
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STIBA12AE Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button STIBA12AE Datasheet HTML 9Page - Seoul Semiconductor STIBA12AE Datasheet HTML 10Page - Seoul Semiconductor STIBA12AE Datasheet HTML 11Page - Seoul Semiconductor STIBA12AE Datasheet HTML 12Page - Seoul Semiconductor STIBA12AE Datasheet HTML 13Page - Seoul Semiconductor STIBA12AE Datasheet HTML 14Page - Seoul Semiconductor STIBA12AE Datasheet HTML 15Page - Seoul Semiconductor STIBA12AE Datasheet HTML 16Page - Seoul Semiconductor STIBA12AE Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
13
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev10.2, July 2019
IBT801-S - 801 Series Ice Blue
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
CIE Chromaticity Diagram, I
F = 10mA, Tj = 25ºC
•Measurement Uncertainty of the Color Coordinates : ± 0.005
*Notes :
3K
4K
5K
6K
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.1775
0.2447
0.1814
0.2605
0.1853
0.2762
0.1893
0.2920
0.1862
0.2437
0.1902
0.2595
0.1941
0.2753
0.1980
0.2910
0.1823
0.2280
0.1862
0.2437
0.1902
0.2595
0.1941
0.2753
0.1735
0.2290
0.1775
0.2447
0.1814
0.2605
0.1853
0.2762
3J
4J
5J
6J
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.1862
0.2437
0.1902
0.2595
0.1941
0.2753
0.1980
0.2910
0.1921
0.2431
0.1960
0.2588
0.2000
0.2746
0.2039
0.2904
0.1882
0.2273
0.1921
0.2431
0.1960
0.2588
0.2000
0.2746
0.1823
0.2280
0.1862
0.2437
0.1902
0.2595
0.1941
0.2753
7J
8J
7H
8H
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.2020
0.3068
0.2059
0.3225
0.2078
0.3061
0.2118
0.3219
0.2078
0.3061
0.2118
0.3219
0.2166
0.3051
0.2205
0.3209
0.2039
0.2904
0.2078
0.3061
0.2127
0.2894
0.2166
0.3051
0.1980
0.2910
0.2020
0.3068
0.2039
0.2904
0.2078
0.3061
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
6K
8J
3J
3K
CIE Coord. X
7J
6J
5J
4J
5K
4K
7H
8H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com