Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK50P03PDFN56 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK50P03PDFN56
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK50P03PDFN56 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK50P03PDFN56 Datasheet HTML 1Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 2Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 3Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 4Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2015. 07. 18
3/5
Revision No : 0
TYPICAL CHARACTERISTICS
FTK50P03PDFN56
-00
-0
-1
-2
-3
-4
-5
25
50
75
100
125
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-0
-200
-400
-600
-800
-1000
-1200
-1E-3
-0.01
-0.1
-1
-10
-100
-4.0
-4.5
-5.0
-6.0
-7.0
-8.0
-9.0
-10.0
0
1
2
3
4
5
6
7
8
9
10
11
12
-10
-20
-30
-40
-50
0
1
2
3
4
5
6
7
8
9
10
-0.0
-0.5
-1.0
-1.0
-1.5
-2.0
-2.5
-0
-14
-28
-42
-56
-70
T
J
=125℃
V
DS
=-10V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
J
=25℃
I
D
=-250uA
Threshold Voltage
JUNCTION TEM PERATURE
T
J
( )
℃
Pulsed
SOURCE TO DRAIN VOLTAGE
V
SD
(mV)
V
SD
I
S ——
T
a
=100℃
T
a
=25℃
Pulsed
I
D
=-10A
R
DS(ON)—— VGS
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=100℃
T
a
=25℃
-0.5
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
V
GS
=-10V
V
GS
=-10V,-6V,-5V
V
GS
=-4.0V
Pulsed
V
GS
=-3 5V
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
-0.5
-1.0
-2.0
-3.0
-4.0
-5.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com