Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK55P30F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK55P30F
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK55P30F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK55P30F Datasheet HTML 1Page - First Silicon Co., Ltd FTK55P30F Datasheet HTML 2Page - First Silicon Co., Ltd FTK55P30F Datasheet HTML 3Page - First Silicon Co., Ltd FTK55P30F Datasheet HTML 4Page - First Silicon Co., Ltd FTK55P30F Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2015.10. 26
2/5
FTK55P30F
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
(BR) DSS
VGS = 0V, ID=-250µA
-55
V
Zero gate voltage drain current
DSS
VDS =-55V, VGS=0V
-1
µA
Gate-body leakage current
GSS
VDS =0V, VGS =±20V
±100
nA
On characteristics (note1)
e
g
a
t
l
o
v
d
l
o
h
s
e
r
th
e -
t
a
G
GS(th)
VDS =VGS, I D=-250µA
-2.0
-4
V
Static drain-source on-sate resistance
DS(on)
VGS =-10V, ID =-15A
40
mΩ
g
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
d
r
a
w
r
o
F
FS
VDS =-25V, ID =-16A
8
S
Dynamic characteristics (note 2)
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
iss
3500
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
t
u
O
oss
240
Reverse transfer capacitance
rss
VDS =-30V,VGS =0V,
f =1MHz
153
pF
Switching characteristics (note 2)
Q
e
g
r
a
h
c
e
t
a
g
l
a
t
o
T
g
56
Q
e
g
r
a
h
c
e
c
r
u
o
s
-
e
t
a
G
gs
11
Q
e
g
r
a
h
c
n
i
a
r
d
-
e
t
a
G
gd
VDS=-30V, VGS=-10V,
ID=-15A
24
nC
t
e
m
i
t
y
a
l
e
d
n
o
-
n
r
u
T
d (on)
12
t
e
m
i
t
e
s
i
r
n
o
-
n
r
u
T
r
15
t
e
m
i
t
y
a
l
e
d
f
f
o
-
n
r
u
T
d(off)
38
t
e
m
i
t
ll
a
f
f
f
o
-
n
r
u
T
f
VDD=-30V, ID =-15A
VGS=-10V,RG =3Ω,
15
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note1)
SD
VGS =0V, IS =-24A
-1.2
V
Continuous drain-source diode forward
current (note3)
IS
-30
A
Pulsed drain-source diode forward current
SM
-120
A
Notes:
1.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
2.
Guaranteed by design, not subject to production.
V
R
C
V
I
I
I
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com