Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK2302 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2302
Description  20V N-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2302 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2302 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2012. 08. 27
3/4
FTK2302
Revision No : 0
0
5
10
15
20
25
30
0
20
40
60
80
100
0
2
4
6
8
10
0.00
0.04
0.08
0.12
0.16
0.20
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
0
2
4
6
8
10
0
3
6
9
12
15
R
DS(ON) ——
I
D
T
a=25
℃
Pulsed
V
GS=2.5V
V
GS=4.5V
DRAIN CURRENT I
D
(A)
T
a=25
℃
Pulsed
R
DS(ON)
—— V
GS
I
D=4.5A
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=25
℃
Pulsed
Transfer Characteristics
T
a=25
℃
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS=3.5V,3 0V,2 5V
V
GS=1.5V
V
GS=2.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com