Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA84C641 Datasheet(PDF) 2 Page - Integral Corp.

Part # INA84C641
Description  8-BIT MICROCONTROLLERS WITH OCD AND VST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

INA84C641 Datasheet(HTML) 2 Page - Integral Corp.

  INA84C641 Datasheet HTML 1Page - Integral Corp. INA84C641 Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INA84C641
2
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
DP0.0/Tdac
DP0.1/PWM1
DP0.2/PWM2
DP0.3/PWM3
DP0.4/PWM4
DP0.5/PWM5
P1.0/VHF1
P1.1/VHF3
P1.7/AFC
P1.2/VHF
P1.3/VTR
P1.4/AV
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7/Mdstr
VSS
DP1.6/VOW1
DP1.5/VOW2
VOW3
Fbl
HSYNC
VSYNC
DOSC1
DOSC2
Test
Xlat 1
Xlat 2
Reset N\
IDENT
Int/Rmot
DP1.3/Sndo
DP1.2/Effect
DP1.1/P/S
DP0.7/SCL
DP0.6/SDA
DP1.0/Stdby
VDD
Derivative Port 0: quasi-bidirectional I/O line or 14-bit DAC PWM
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
Port 1: quasi-bidirectional I/O lines
Port 1: quasi-bidirectional I/O lines
Derivative Port 1: quasi-bidirectional I/O line or comparator input with 3-bit
DAC
Port 1: quasi-bidirectional I/O lines
Port 1: quasi-bidirectional I/O lines
Port 1: quasi-bidirectional I/O lines
Port 0: quasi-bidirectional I/O port
Port 0: quasi-bidirectional I/O port
Port 0: quasi-bidirectional I/O port
Port 0: quasi-bidirectional I/O port
Port 0: quasi-bidirectional I/O port
Port 0: quasi-bidirectional I/O port
Port 0: quasi-bidirectional I/O port
Port 0: quasi-bidirectional I/O port
Ground
Derivative Port 1: quasi-bidirectional I/O lines or character video output
Derivative Port 1: quasi-bidirectional I/O lines or character video output
Character video output of OSD
Blanking output
Horizontal synchronous signal input
Vertical synchronous signal input
Connection to LC oscillator of OSD clock
Connection to LC oscillator of OSD clock
Control input for testing and emulation mode. Ground for normal operation
Oscillator output or input terminal for system clock
Oscillator output or input terminal for system clock
Initialise input, active LOW
Direct testable pin and event counter input
External interrupt or direct testable
Derivative Port 1: quasi-bidirectional I/O lines
Derivative Port 1: quasi-bidirectional I/O lines
Derivative Port 1: quasi-bidirectional I/O lines
Derivative open drain I/O port or I
2C-bus clock line
Derivative open drain I/O port or I
2C-bus data line
Derivative Port 1: quasi-bidirectional I/O lines
Power supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com