Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF0AF0A Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SPF0AF0A
Description  High lumen output and efficacy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF0AF0A Datasheet(HTML) 3 Page - Seoul Semiconductor

  SPF0AF0A Datasheet HTML 1Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 2Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 3Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 4Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 5Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 6Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 7Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 8Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.seoulsemicon.com
3
Product Data Sheet
Rev1.6, Jan. 2021
S1C0-3030000000-00000000-00003-RGB-LED
Performance Characteristics
Parameter
Color
Symbol
Value
Unit
Min.
Typ.
Max.
Luminous Flux
[1]
Red
Ф
V
[3]
28
31
38
lm
Green
44
48
54
Blue
13
17
22
Dominant Wavelength
[1]
Red
λ
d
615
621
625
nm
Green
520
525
530
Blue
465
470
475
Forward Voltage
[1]
Red
V
F
2.0
2.2
2.5
V
Green
3.05
3.2
3.4
Blue
3.05
3.2
3.4
Thermal Resistance (J to S)
[2]
Red
R
θ
J-S
-
12
-
℃/W
Green
-
50
-
Blue
-
16
-
View Angle
Red
2Θ ½
118
Deg.
Green
115
Blue
113
Table 1. Electro-Optical Characteristics, I
F=150mA, Tj=25℃, RH30%
Notes :
(1) Tolerance : V
F
±0.1V,
Ф
V
±7%,
λ
d
±2nm
(2) Thermal resistance : Rth
JS (Junction / solder)
(3) Ф
V
is the total luminous flux output as measured with an integrating sphere
(4) It is recommended to use it in the condition that the reliability is secured within the max value.
•LED’s properties might be different from suggested values like above and below tables if operation
condition will be exceeded our parameter range. Care is to be taken that power dissipation does not
exceed the absolute maximum rating of the product.
•Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
•All measurements were made under the standardized environment of Seoul Semiconductor.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
-
180
mA
Junction Temperature
T
j
-
-
125
ºC
Operating Temperature
T
op
- 40
-
105
ºC
Storage Temperature
T
stg
- 40
-
105
ºC
ESD Sensitivity(HBM)
1
-
-
kV
Table 2. Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com